Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 29 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 25Page - ON Semiconductor LC823450 Datasheet HTML 26Page - ON Semiconductor LC823450 Datasheet HTML 27Page - ON Semiconductor LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
LC823450
www.onsemi.com
29
Boot Mode
Boot modes available depend on BMODE[1:0] port status.
Table 11. BOOT MODE
IPL Mode
BMODE1
BMODE0
Explanation
Physical Boot
USB
PD
470 k
W
PD
470 k
W
Internal ROM boot(eMMC Physical Boot with USB download
– SD card I/F Ch0 + USB Device + EXTINT2E + EXTINT2F)
By using Boot operation mode of eMMC, load IPL2(program) from
eMMC connected to SD0 to internal SRAM and jump to IPL2.
IPL2 is written through USB.
Physical Boot
SD
PD
470 k
W
PU
470 k
W
Internal ROM boot (eMMC Physical Boot with SD Ch1 download
– SD card I/F Ch0 + SD card I/F Ch1 + EXTINT2E + EXTINT2F)
By using Boot operation mode of eMMC, load IPL2(program) from
eMMC connected to SD0 to internal SRAM and jump to IPL2.
IPL2 is written through SD1.
User Area Boot
USB
PD
1 k
W
PU or PD
470 k
W
Internal ROM boot(User Area Boot with USB download
– SD card I/F Ch0 + USB Device + EXTINT2E + EXTINT2F)
Load IPL2(program) from user area of eMMC connected to SD0 to
internal SRAM and jump to IPL2.
IPL2 is written through USB.
User Area Boot
SD
PU
470 k
W
PD
1 k
W
Internal ROM boot(User Area Boot with SD Ch1 download
– SD card I/F Ch0 + SD card I/F Ch1 + EXTINT2E + EXTINT2F)
Load IPL2(program) from user area of eMMC connected to SD0 to
internal SRAM and jump to IPL2.
IPL2 is written through SD1.
SPI Boot
USB
PU
470 k
W
PU
470 k
W
Internal ROM boot(external Serial Flash SPI Boot with USB down-
load
– S−Flash I/F + USB Device + EXTINT2E + EXTINT2F + TI-
OCB01)
Load IPL2(program) from Serial Flash connected to S−Flash I/F to
internal SRAM and jump to IPL2.
IPL2 is written through USB.
SPI Boot
SD
PD
470 k
W
PU
1 k
W
Internal ROM boot(external Serial Flash SPI Boot with SD Ch1
download
− S−Flash I/F + SD card I/F Ch1 + EXTINT2E + EXTINT2F +
TIOCB01)
Load IPL2 (program) from Serial Flash connected to S−Flash I/F
to internal SRAM and jump to IPL2.
IPL2 is written through SD1.
QSPI Boot
USB
PU
1 k
W
PU
470 k
W
Internal ROM boot (external Serial Flash QSPI Boot with USB
download
– S−Flash I/F(QSPI) + USB Device + EXTINT2E + EXTINT2F +
TIOCB01)
Fetch IPL2 (program) from Serial Flash connected to S−Flash I/F.
IPL2 is written by using DO command directly through USB.
QSPI Boot
SD
PU
1 k
W
PD
470 k
W
Internal ROM boot (external Serial Flash QSPI Boot with SD Ch1
download
– S−Flash I/F(QSPI) + SD card I/F Ch1 + EXTINT2E + EXTINT2F
+ TIOCB01)
Fetch IPL2 (program) from Serial Flash connected to S−Flash I/F.
IPL2 is written through SD1.
User Area Delete
PD
1 k
W
PU
1 k
W
Internal ROM boot (User Area IPL2 delete
– SD card I/F Ch0 + EXTINT2E + EXTINT2F)
After deleting IPL2 by using this mode, IPL2 can be written again
while User Area Boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com