Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 3 Page - ON Semiconductor

  LC823450 Datasheet HTML 1Page - ON Semiconductor LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
LC823450
www.onsemi.com
3
• Bluetooth Protocol Stack Available3
• Other Audio Functions Available:
♦ 6band Equalizer (EQ3)
♦ Volume, Mute
♦ Level Meter
♦ Audio Timer w/ interrupt generation
♦ 16/24/32bit 192 kHz PCM I/F (2ch
×2).
Master/slave, I2S
♦ SSRC (Synchronous Sampling Rate Converter)
0.25 to 64 conversion capable
♦ ASRC (Asynchronous Sampling Rate Converter)
jitter reducing function supporting USB audio class
and Bluetooth streaming
♦ Beep generator
♦ Digital Microphone I/F (2ch
×1)
♦ 16bit Audio DAC (2ch)
w/ Class−D Amplifier for Head Phone (2ch).
Need external LC LPF
• Audio Clock Generation
♦ Dedicated PLL for audio(PLL2:1 V and PLL3:3 V
operation integrated)
♦ Selectable PLL reference clock
XT1 (1 to 50 MHz Main xtal)
XTRTC (32.768 KHz RTC xtal)
PCM I/F MCLK
0 (/MCLK1), BCK0, BCK1
• Power Supply
♦ Typical voltage:
− LOGIC(Vdd1), XT1(VddXT1),
PLL1(AVddPLL1), PLL2(AVddPLL2) = 1.0 V
− PLL3(AVddPLL3) = 3.3 V
− RTC(VddRTC) = 1.0 V
− I/O(Vdd2) = 1.8 V or 3.3 V
− SD0(VddSD0) = 1.8 V or 3.3 V
− SD1(VddSD1) = 1.8 V or 3.3 V
− SD2(VddSD2) = 1.8 V or 3.3 V
− S−Flash I/F(VddQSPI) = 1.8 V or 3.3 V
− ADC(AVddADC) = 3.3 V
− USB PHY1(AVddUSBPHY1, DVddUSBPHY1)
= 1.0 V(w/o USB connection) or
1.2 V (w/ USB connection)
− USB PHY2(AVddUSBPHY2) =
2.8 V (w/o USB connection) or
3.3 V (w/ USB connection)
− Class−D Amplifier(AVddDAMPL,AVddDAMPR)
= 1.2 V
3
The product name for which Bluetooth Protocol Stack is available is determined. Please contact our representative for license fee for the
Stack.
Copyright 1999−2014 OpenSynergy GmbH
All rights reserved. All unpublished rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com