Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 70 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 70 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
LC823450
www.onsemi.com
70
SPI Interface
• [condition]
VDD1 = 0.93 V to 1.27 V, VDD2 = 1.7 V to 1.95 V or
2.7 V to 3.6 V
External load 15 pF to 40 pF
Figure 15. AC Characteristics − SPI Interface
tddo
tds
tdh
tSCK
tSCKL
tSCKH
SCK0
SDI0
SDO0
51. Polarity of SCK is changed, SCK of figure is inversed.
Table 33.
Item
Symbol
Condition
Min
Max
Unit
SCLK Rate
tSCK
8
−
T
SCLK LOW Time
tSCKL
4
−
T
SCLK HIGH Time
tSCKH
4
−
T
Data Setup Time
tds
2
−
T
Data Hold Time
tdh
2
−
T
Data Delay Time
tddo
−
2
T
52. T : APB CLK rate (frequency = Fapb).
Serial Flash Interface
• [condition]
VDD1 = 0.93 V to 1.27 V, VDDQSPI = 1.7 V to 1.95 V
or 2.7 V to 3.6 V
External load 10 to 30 pF
Figure 16. AC Characteristics − Serial Flash Interface
Clock
(from LSI)
In put
(to LSI)
Out put
(from LSI)
t ISU
t IH
tODLY (max)
tODLY (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com