Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 1 Page - ON Semiconductor

  LC823450 Datasheet HTML 1Page - ON Semiconductor LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
© Semiconductor Components Industries, LLC, 2017
October, 2017 − Rev. 7
1
Publication Order Number:
LC823450/D
LC823450
Low Power &
High-Resolution Audio
Processing System LSI
for Portable Sound Solution
Description
LC823450 is audio processing system LSI for record and playback,
and High−Resolution 32−bit & 192 kHz audio processing capable. It is
possible to cover the most of functions necessary for a portable audio
with only this LSI as follows.
It has Dual CPU and DSP with High processing capability, and
internal 1656K−Byte SRAM, which make it possible to implement
large scale program. And it has integrated analog functions so that
PCB space and cost is reduced, and it has various interface to make
extensibility high. Also it is provided with various function including
SBC/AAC codec by DSP and UART and ASRC for Bluetooth® audio.
It is very small chip size in spite of the multi−function as described
above and it realizes the low power consumption. Therefore, it is
applicable to portable audio markets such as Wireless headsets and
will show high performance.
This document describes features, basic functions, electrical
specifications, characteristics, application diagram and package
dimension of this LSI.
Features
• Ultra Low Power Consumption
• ARM® Cortex®−M3 Dual Core
• Proprietary 32−bit DSP Core (LPDSP32)
• Internal Large Scale Size SRAM: 1656 kB (1.5 MB + 120 kB)
• High−Resolution 32−bit & 192 kHz Audio Processing Capability
• Several DSP Codes Available for Audio Functions
• Hard Wired Audio Functions Built−in MP3 Decoder, MP3 Encoder
6 Band Equalizer Synchronous SRC, Asynchronous SRC, etc.
• Analog Blocks Built−in
System PLL, Audio PLL
16−bit DAC, Class−D amp, etc.
• USB2.0 Device and USB2.0 Host with a Integrated PHY
eMMC and SD card I/F
Serial Flash I/F(Quad) with Cache Memory
SPI, UART, I2C, etc.
Typical Applications
• Sound Recorders
• Wearable Audio Players
• Bluetooth Headsets
• Smart Phone Accessories
www.onsemi.com
TQFP128 14 x 14/ TQFP128L
CASE 932BA
See detailed ordering and shipping information on page 53 of
this data sheet.
ORDERING INFORMATION
WLCSP154 5.52 x 5.33
CASE 567LD
LFBGA240 11 x 11
CASE 566EY


Similar Part No. - LC823450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450TA-2H ONSEMI-LC823450TA-2H Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XATBG ONSEMI-LC823450XATBG Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XBTBG ONSEMI-LC823450XBTBG Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XCTBG ONSEMI-LC823450XCTBG Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
More results

Similar Description - LC823450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
Audio Processing System LSI
May 2015 - Rev. 1
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com