Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 39 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor LC823450 Datasheet HTML 40Page - ON Semiconductor LC823450 Datasheet HTML 41Page - ON Semiconductor LC823450 Datasheet HTML 42Page - ON Semiconductor LC823450 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
LC823450
www.onsemi.com
39
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
190
L6
−
118
G6
BCK1/
GPIO13/
EXTINT13
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
191
M7
−
−
EXD10/
GPIO50/
EXTINT50
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
192
N7
−
119
G7
LRCK1/
GPIO14/
EXTINT14
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
193
N6
97
120
B12
MCLK0/
MCLK1/
GPIO18/
EXTINT18
B/
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
194
L7
−
−
EXD11/
GPIO51/
EXTINT51
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
195
M8
98
121
H7
BCK0/
DMCKO1/
GPIO19/
EXTINT19
B/
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
196
K7
−
−
EXD12/
GPIO52/
EXTINT52
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
197
P5
99
122
C11
Vdd2
P
198
J7
−
123
D10
XTALINFO1
B
Schmitt
3−State
2/4/8 mA
PU
Vdd2
3ISU/3T2
(4)(8)
199
P6
100
124
C12
Vss
G
200
L8
−
−
EXD13/
GPIO53/
EXTINT53
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
201
K8
101
125
E9
LRCK0/
DMDIN1/
GPIO1A/
EXTINT1A
B/
I/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
202
J8
−
−
EXD14/
GPIO54/
EXTINT54
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
203
N9
102
126
F8
DIN0/
DMDIN0/
GPIO1B/
EXTINT1B
I/
I/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
204
M9
−
−
EXD15/
GPIO55/
EXTINT55
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
205
N8
103
127
E10
DOUT0/
DMCKO0/
GPIO1C/
EXTINT1C
O/
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
206
P7
104
128
D11
NRES
I
Schmitt
−
−
−
Vdd2
3IS
207
L9
105
129
D12
BMODE0
B
Schmitt
3−State
2 mA
PU/PD
Vdd2
3ISUD/3T2
208
K9
106
130
F9
BMODE1
B
Schmitt
3−State
2 mA
PU/PD
Vdd2
3ISUD/3T2
209
J9
107
131
F10
TEST
I
Schmitt
−
−
Vdd2
3IS
210
P8
108
132
E11
Vdd2
P
211
H8
109
133
E12
Vss
G
212
P9
110
134
G10
Vdd1
P
213
R5
111
135
F11
AVssDAMPR
G
214
R6
112
136
F12
ROUT/
GPROUT
O/
O
−
1A
−
−
AVddDAM
PR
1A
215
R7
113
137
G11
AVddDAMPR
P
216
R8
114
138
G12
AVddDAMPL
P
217
R9
115
139
H12
LOUT/
GPLOUT
O/
O
−
1A
−
−
AVddDAM
PL
1A
218
R10
116
140
H11
AVssDAMPL
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com