Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 53 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 49Page - ON Semiconductor LC823450 Datasheet HTML 50Page - ON Semiconductor LC823450 Datasheet HTML 51Page - ON Semiconductor LC823450 Datasheet HTML 52Page - ON Semiconductor LC823450 Datasheet HTML 53Page - ON Semiconductor LC823450 Datasheet HTML 54Page - ON Semiconductor LC823450 Datasheet HTML 55Page - ON Semiconductor LC823450 Datasheet HTML 56Page - ON Semiconductor LC823450 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
LC823450
www.onsemi.com
53
Table 18. RECOMMENDED OPERATING CONDITIONS
Item
Symbol
Function
Low Voltage Operation
High Voltage Operation
Unit
Xtal Input
Frequency
Fxin1
System,
Audio clock
(XT1 oscillator)
12 MHz or 20 MHz
tolerance :
±200 ppm or less
Jitter :
±50 ps or less
(Note 38)
12 MHz or 20 MHz or
24 MHz or 48 MHz
tolerance :
±200 ppm or
less
Jitter :
±50 ps or less
(Note 38)
−
FxinRTC
RTC clock
(XTRTC oscillator)
32.768 kHz
Jitter :
±500 ps or less
Same as left
−
Frc
RC
(RC oscillator)
0.4
(Note 39)
1
(Note 39)
2
(Note 39)
Same as left
MHz
Time for
Xtal Stable
Txin1
3
(Note 41)
Same as left
ms
TxinRTC
1000
(Note 41)
Same as left
ms
Internal Clock
Frequency
Farm
Cortex−M3
0
100
0
160
(Note 40)
MHz
Fahb
AHB
0
100
0
160
(Note 40)
MHz
Fapb
APB
0
100
0
160
(Note 40)
MHz
Fdsp
DSP
0
100
0
160
(Note 40)
MHz
Faud
(Note 35)
AUDCLK(768fs)
0
33.8688
147.456
Same as left
MHz
Fdec
DECCLK(Note 36)
(MP3 Decoder)
0
16.9344
73.728
Same as left
MHz
Fenc
ENCCLK(Note 37)
(MP3 Encoder)
0
8.4672
36.864
Same as left
MHz
35. Audio blocks run on 256 * Fs (sampling frequency) clock.
However, Class−D AMP, etc run on 384 * Fs (sampling frequency).
These clocks are generated from 768 * Fs (Base Clock) divided by 3 and 2 respectively.
36. MP3 Decoder runs on clock of 384 * Fs (sampling frequency of MPEG1 mode).
It runs on the clock of the same frequency as MPEG1 mode during MPEG2 / 2.5 mode. For example, even when operating in MPEG 2 / 2.5
mode (Fs = 22.05 / 11.025 KHz as an example), please supplies 16.9344 MHz(= 384 * 44.1 kHz) clock which is the same clock frequency
as MPEG1 mode.
37. MP3 Encoder runs on clock of 192 * Fs(sampling frequency of MPEG1 mode).
It runs on the clock of the same frequency as MPEG1 mode during MPEG2 / 2.5 mode. For example, even when operating in MPEG2 / 2.5
mode (Fs = 22.05 / 11.025 KHz as an example), please supplies 8.4672 Mhz (= 192 * 44.1 kHz) clock which is the same clock frequency
as MPEG1 mode.
38. Refer to the detailed datasheet. If USB function is not used, the specification required may be relaxed. Please contact our representative
in detail.
39. Vdd1 = 0.93 V to 1.27 V, Ta = −20
_C to 65_C.
40. When Farm, Fdsp are over 100 MHz, 1 * Wait is required for Cortex−M3 and LPDSP32 to access internal ROM by the register described
in the ProgrammersModel_SystemController as memory access control register4.
41. These are just reference values under Ta = 25
_C, and need to be adjusted to customer board situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com