Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 27 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 23Page - ON Semiconductor LC823450 Datasheet HTML 24Page - ON Semiconductor LC823450 Datasheet HTML 25Page - ON Semiconductor LC823450 Datasheet HTML 26Page - ON Semiconductor LC823450 Datasheet HTML 27Page - ON Semiconductor LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
LC823450
www.onsemi.com
27
Table 10. TERMINAL FUNCTIONS (continued)
Terminal Name
Available (
d)
IO
POWER
Function
Direction
Polarity
Multiplexed
Function
RA
XB,XD
XA,XC
TA
IO
POWER
Xtal, PLL
AvddPLL3
−
P
PLL3 analog power supply
−
d
(Note 12)
d
d
d
(Note 12)
AvssPLL2
−
P
PLL2/3 analog ground (Note 13)
−
d
d
d
d
Sum
10
14
14
12
USB−PHY
USBDP
−
B
USB D+
AVddUSBPHY2
or
AVddUSBPHY1
d
d
d
d
USBDM
−
B
USB D−
AVddUSBPHY2
or
AVddUSBPHY1
d
d
d
d
USBEXT12
−
O
USB−PHY reference resister
AVddUSBPHY2
d
d
d
d
AvddUSBPHY1
−
P
USB−PHY 1.0V analog power
supply
−
d
2
d
2
d
2
d
2
DVddUSBPHY1
−
P
USB−PHY 1.0V digital power sup-
ply. Connected to AVddUSBPHY1
internally in case of no
DVddUSBPHY1 port available
−
d
2
AvddUSBPHY2
−
P
USB−PHY 3.3V analog power
supply
−
d
2
d
2
d
2
d
2
AvddUSBPHY
−
P
USB−PHY analog ground
−
d
4
d
4
d
4
d
4
Sum
11
11
11
13
10BIT ADC
AN[5:0]
−
I
ADC Input
AVddADC
d
d
d
d
VRH
−
I
ADC High reference
AVddADC
d
VRL
−
I
ADC Low reference
AVddADC
d
VR
−
O
ADC reference voltage
AVddADC
d
AVddADC
−
P
ADC analog power
−
d
d
d
d
AVssADC
−
P
ADC analog ground
−
d
d
d
d
Sum
8
8
8
11
CLASS−D AMP
LOUT
−
O
Lch Class D AMP Output
Avdd−DAMPL
d
d
d
GPLOUT
−
O
Genereal purpose Output (GPO)
d
d
d
d
ROUT
−
O
Rch Class D AMP Output
Avdd−DAMPR
d
d
d
GPROUT
−
O
Genereal purpose Output (GPO)
d
d
d
d
AVddDAMPL
−
P
Lch Class D AMP analog power
supply
−
d
d
d
d
AVddDAMPR
−
P
Rch Class D AMP analog power
supply
−
d
d
d
d
AVssDAMPL
−
P
Lch Class D AMP analog power
supply
−
d
d
d
d
AVssDAMPR
−
P
Rch Class D AMP analog power
supply
−
d
d
d
d
Sum
6
6
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com