Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 67 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 67 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 63Page - ON Semiconductor LC823450 Datasheet HTML 64Page - ON Semiconductor LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
LC823450
www.onsemi.com
67
Table 29. USB2.0 PHY CHARACTERISTICS (continued)
(TA = 25°C, VDD1 = 1.2 V, AVDDUSBPHY1 = DVDDUSBPHY1 = 1.2 V, AVDDUSBPHY2 = 3.3 V)
Item
Unit
Max
Min
Condition
Symbol
HIGH−SPEED DATA TIMINGS:
INPUT CAPACITANCE FOR LOW−SPEED: SAME AS FULL−SPEED
TERMINATIONS IN LOW−SPEED: SAME AS FULL−SPEED
DRIVER CHARACTERISTICS IN LOW−SPEED:
Rise Time (10% − 90%)
TLR
75
300
ns
Fall Time (10% − 90%)
TLF
75
300
ns
Difference Rise and Fall Time Matching
TLRFM
80
125
%
TERMINATIONS USED AS HOST SIDE (INTERNAL SIGNAL RPDPEN = 1, RPDMEN = 1):
Bus Pull−down Resistor on Downstream Facing
Port
RPD
14.25
24.80
k
Ω
*Each electrical specification is the results of simulation.
Figure 10. Differential Input Sensitivity Range for Full−speed
−1.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
4.6
・・・
・・・
Differential Input Voltage
Differential Output
Crossover
Voltage Range
Figure 11. Differential Input Sensitivity Range for High−speed
Level1
Unit Interval
0%
100%
Point4
Point5
Point6
Level2
Differential
+400 mV
Point2
Point1
Point3
−400 mV
0 Volts
Differential
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com