Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 66 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 66 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 62Page - ON Semiconductor LC823450 Datasheet HTML 63Page - ON Semiconductor LC823450 Datasheet HTML 64Page - ON Semiconductor LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
LC823450
www.onsemi.com
66
Table 29. USB2.0 PHY CHARACTERISTICS (continued)
(TA = 25°C, VDD1 = 1.2 V, AVDDUSBPHY1 = DVDDUSBPHY1 = 1.2 V, AVDDUSBPHY2 = 3.3 V)
Item
Unit
Max
Min
Condition
Symbol
DRIVER CHARACTERISTICS IN FULL−SPEED:
Fall Time(10% − 90%)
TFF
4
20
ns
Difference Rise and Fall Time Matching
TFRFM
90
111.11
%
CLOCK TIMING IN FULL−SPEED(INTERNAL SIGNAL FSSEL=’0’):
Full−speed Data Rate for hubs and Devices which
are High−speed Capable
TFDRATHS
11.994
12.006
Mb/s
FULL−SPEED DATA TIMINGS(INTERNAL SIGNAL FSSEL=’0’):
Source Jitter Total
(Including Frequency Tolerance):
To Next Transition
For Paired Transitions
TDJ1
TDJ2
−3.5
−4
3.5
4
ns
ns
Source Jitter for Differential Transition to SE0
Transition
TFDEOP
−2
5
ns
Receiver Jitter:
To Next Transitions
For Paired Transitions
TJR1
TJR2
−18.5
−9
18.5
9
ns
ns
Source SE0 Interval of EOP
TFEOPT
160
175
ns
Receiver SE0 Interval of EOP
TFEOPR
82
ns
Width of SE0 Interval During Differential Transition
TFST
14
ns
INPUT LEVELS FOR HIGH−SPEED:
High−speed Squelch Detection Threshold
(Differential Signal)
VHSSQ
100
200
mV
High−speed Disconnect Detection Threshold
(Differential Signal)
VHSDSC
525
625
mV
High−speed Data Signaling Common
Mode Voltage Range
VHSCM
−50
500
mV
High−speed Differential Input Signaling Level
(This Spec is Based on ‘Template 6’)
Figure 11
OUTPUT LEVELS FOR HIGH−SPEED:
High−speed Idle State
VHSOI
−10.0
10
mV
High−speed Data Signaling High
VHSOH
360
440
mV
High−speed Data Signaling Low
VHSOL
−10.0
10
mV
Chirp J Level (Different Signal)
VCHIRPJ
700
1100
mV
Chirp K Level (Different Signal)
VCHIRPK
−900
−500
mV
TERMINATION IN HIGH−SPEED:
Termination Voltage in High−speed
VHSTERM
−10.0
10
mV
DRIVER CHARACTERISTICS IN HIGH−SPEED:
Rise Time(10% − 90%)
VHSR
500
ps
Fall Time(10% − 90%)
VHSF
500
ps
Driver Waveform Requirement
Complying with USB2.0 Specification (section 7.1.2)
Driver Output Resistance
(which also serves as high−speed termination)
ZHSDRV
40.5
49.5
Ω
CLOCK TIMING IN HIGH−SPEED:
High−Speed Data Rate
THSDRAT
479.76
480.24
Mb/s
HIGH−SPEED DATA TIMINGS:
Data Source Jitter
Complying with USB2.0 Specification (section 7.1.2)
Receiver Jitter Tolerance
INPUT LEVELS FOR LOW−SPEED:SAME AS FULL−SPEED
OUTPUT LEVELS FOR LOW−SPEED: SAME AS FULL−SPEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com