Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 31 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 27Page - ON Semiconductor LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
LC823450
www.onsemi.com
31
Boot Port
Some ports are used in internal ROM code while booting
as below.
• EXTINT2E(GPIO2E): OUT for power supply control
• EXTINT2F(GPIO2F): OUT for indicating status of
boot, start of USB connection and USB disconnection,
error status by Low/High of this port.
• Use SDCMD1, SDAT1[3:0], SDCLK1 as SD1. SDCD1
and SDWP1 are not used. Port function switch is
processed during write from SD1.
• SPI Boot/SPI All Erase is processed by using 4 ports
SCK1, QSCS, SDO1,SDI1. SHOLD1 and SWP1 are
not used.
• QSPI Boot/QSPI All Erase is processed by using
SCK1, QSCS, SDO1, SDI1, SHOLD1, SWP1.
• External ROM Boot is processed by using NCS0 and
external memory controller ports. GPIO2E is not used.
• In case of External I/F ports Hi−z mode, external
memory interface ports such as NCS0, NCS1 and
external memory controller ports is used. GPIO2E is
used as input port.
Table 12. PORTS USED DURING IPL
IPL Mode
Ports Used (Note 16)
Physical Boot USB
P2E(power supply control), P2F(status monitoring)
Physical Boot SD
P2E(power supply control), P2F(status monitoring)
P22(SDCLK1) P23(SDCMD1) P24(SDDATA10) P25(SDDATA11) P26(SDDATA12)
P27(SDDATA13)
User Area Boot USB
P2E(power supply control), P2F(status monitoring)
User Area Boot SD
P2E(power supply control), P2F(status monitoring)
P22(SDCLK1) P23(SDCMD1) P24(SDDATA10) P25(SDDATA11) P26(SDDATA12)
P27(SDDATA13)
SPI Boot USB
P2E(power supply control), P2F(status monitoring)
P0D(SCK1) P03(QSCS) P0F(SDO1) P0E(SDI1)
SPI Boot SD
P2E(power supply control), P2F(status monitoring)
P0D(SCK1) P03(QSCS) P0F(SDO1) P0E(SDI1)
P22(SDCLK1) P23(SDCMD1) P24(SDDATA10) P25(SDDATA11) P26(SDDATA12)
P27(SDDATA13)
QSPI Boot USB
P2E(power supply control), P2F(status monitoring)
P0D(SCK1) P03(QSCS) P0F(SDO1) P0E(SDI1) P011(SWP1) P12(SHOLD1)
P22(SDCLK1) P23(SDCMD1) P24(SDDATA10) P25(SDDATA11) P26(SDDATA12)
P27(SDDATA13)
User Area Delete
P2E(power supply control), P2F(status monitoring)
Partition Delete
P2E(power supply control), P2F(status monitoring)
SPI Erase
P2E(power supply control), P2F(status monitoring)
P0D(SCK1) P03(QSCS) P0F(SPIOUT) P0E(SDI1)
SDCH0 All Erase
P2E(power supply control), P2F(status monitoring)
QSPI All Erase
P2E(power supply control), P2F(status monitoring)
P0D(SCK1) P03(QSCS) P0F(SDO1) P0E(SDI1) P11(SWP1) P12(SHOLD1)
External ROM Boot
P06(NCS0) P17(NRD) P30(NWRENWRL) P31(NHBNWRH) P16(NLBEXA0)
P32(EXA01) P33(EXA02) P34(EXA03) P35(EXA06) P36(EXA05) P37(EXA06) P38(EXA07)
P39(EXA08) P3A(EXA09) P3B(EXA10) P3C(EXA11) P3D(EXA12) P3E(EXA13) P3F(EXA14)
P40(EXA15) P41(EXA16) P42(EXA17) P43(EXA18) P44(EXA19) P45(EXA20) P46(EXD00)
P47(EXD01) P48(EXD02) P49(EXD03) P4A(EXD04) P4B(EXD05) P4C(EXD06) P4D(EXD07)
P4E(EXD08) P4F(EXD09) P50(EXD10) P51(EXD11) P52(EXD12) P53(EXD13) P54(EXD14)
P55(EXD15)
HI-z
SDCLK0 Hi-z state
16. In this table “Pxx” means “GPIOxx”. For example “P2E” means “GPIO2E”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com