Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 20 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 16Page - ON Semiconductor LC823450 Datasheet HTML 17Page - ON Semiconductor LC823450 Datasheet HTML 18Page - ON Semiconductor LC823450 Datasheet HTML 19Page - ON Semiconductor LC823450 Datasheet HTML 20Page - ON Semiconductor LC823450 Datasheet HTML 21Page - ON Semiconductor LC823450 Datasheet HTML 22Page - ON Semiconductor LC823450 Datasheet HTML 23Page - ON Semiconductor LC823450 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
LC823450
www.onsemi.com
20
Table 10. TERMINAL FUNCTIONS (continued)
Terminal Name
Available (
d)
IO
POWER
Function
Direction
Polarity
Multiplexed
Function
RA
XB,XD
XA,XC
TA
IO
POWER
RTC
KEYINT[2:0]
−
I
RTC KEY input can be used when
KeyInt RTC mode
VddRTC
d
d
d
RTCMODE
−
I
RTC mode input (Note 8)
Set General RTC or KeyInt RTC
mode
RTCMODE =
G “0”: KeyInt RTC mode
G “1”: General RTC mode
Bonding internally for “TA” product
VddRTC
d
d
d
VddRTC
−
P
RTC power supply
−
d
d
d
d
VssRTC
−
P
RTC ground
−
d
d
d
d
Sum
7
11
11
11
EXTERNAL INTERRUPT/GPIO
SDRADDR12
−
O
SDRAM address
Vdd2
d
GPIO2A
−
B
GPIO
d
EXTINT2A
−
I
External Interrupt 2−bit10
d
SCL1
−
O
I2C ch1 Clock (open drain output)
Vdd2
d
d
d
d
GPIO2B
−
B
GPIO
d
d
d
d
EXTINT2B
−
I
External Interrupt 2−bit11
d
d
d
d
SDA1
−
B
I2C ch1 Clock (open drain output)
Vdd2
d
d
d
d
GPIO2C
−
B
GPIO
d
d
d
d
EXTINT2C
−
I
External Interrupt 2−bit12
d
d
d
d
SDRADDR11
−
O
SDRAM address
Vdd2
DMCKO0
−
O
Digital Mic Clock Ch0 Output
d
d
d
d
GPIO2D
−
B
GPIO
d
d
d
d
EXTINT2D
−
I
External Interrupt 2−bit13
d
d
d
d
EXTINT2E
−
I
External Interrupt 2−bit14
Vdd2
d
d
d
d
GPIO2E
−
B
GPIO
*While Internal ROM boot, this
terminal is used as boot monitor
signal.
d
d
d
d
EXTINT2F
−
I
External Interrupt 2−bit14
Vdd2
d
d
d
d
GPIO2F
−
B
GPIO
*While Internal ROM boot, this
terminal is used as boot monitor
signal.
d
d
d
d
Sum
5
5
5
6
SPI (SERIAL I/F CH0)/S−FLASH I/F (SERIAL I/F CH1)
SCK0
Neg
B
Serial I/F Ch0 Clock
Vdd2
d
d
d
d
GPIO1D
−
B
GPIO
d
d
d
d
EXTINT1D
−
I
External Interrupt 1−bit13
d
d
d
d
SDI0
−
I
Serial I/F Ch0 Data Input
Vdd2
d
d
d
d
GPIO1E
−
B
GPIO
d
d
d
d
EXTINT1E
−
I
External Interrupt 1−bit14
d
d
d
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com