Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 38 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor LC823450 Datasheet HTML 40Page - ON Semiconductor LC823450 Datasheet HTML 41Page - ON Semiconductor LC823450 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
LC823450
www.onsemi.com
38
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
156
E1
77
93
B5
USBDM
B
3A
3A
−
−
AVddUSB
PHY2
3A
157
F1
78
94
B6
USBDP
B
3A
3A
−
−
AVddUSB
PHY2
3A
158
G1
79
95
C6
AVssUSBPHY
G
159
H2
80
96
D6
AVddUSBPHY2
P
160
J1
81
97
E6
AVssUSBPHY
G
161
H1
82
98
B7
USBEXT12
O
−
3A
−
−
AVddUSB
PHY2
3A
162
J2
83
99
C7
AVddUSBPHY2
P
163
H3
84
100
D7
AVddUSBPHY1
P
164
J3
85
101
E7
AVssUSBPHY
G
165
K3
−
−
DVddUSBPHY1
P
166
L1
−
−
Vss
G
167
K2
86
102
B8
VddXT1
P
168
K1
87
103
A8
XIN1
I
X
−
−
−
VddXT1
X
169
L2
88
104
D8
VssXT1
G
170
L3
89
105
C8
XOUT1
O
−
X
−
−
VddXT1
X
171
L4
90
106
E8
Vdd1
P
172
M3
−
−
Vss
G
173
M2
91
107
A9
AVddPLL1
P
174
M1
92
108
B9
VCNT1
O
−
1A
−
−
AVddPLL1
1A
175
N1
93
109
C9
AVssPLL1
G
176
N3
−
110
A10
EXD4/
GPIO4A/
EXTINT4A
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
177
N2
−
−
Vss
G
178
P1
−
−
Vdd2
P
179
P2
−
111
B10
EXD5/
GPIO4B/
EXTINT4B
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
180
R1
−
112
D9
EXD6/
GPIO4C/
EXTINT4C
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
181
R2
−
−
EXA19/
GPIO44/
EXTINT44
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
182
R3
−
−
EXA20/
GPIO45/
EXTINT45
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
183
P3
−
113
A11
EXD7/
GPIO4D/
EXTINT4D
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
184
N4
94
114
F7
TIOCB00/
DMDIN0/
DIN1/
GPIO02/
EXTINT02
B/
I/
I/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
185
R4
−
115
B11
Vss
G
186
P4
95
116
A12
Vdd2
P
187
M6
96
117
C10
DOUT1/
GPIO15/
EXTINT15
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
188
N5
−
−
EXD8/
GPIO4E/
EXTINT4E
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
189
M5
−
−
EXD9/
GPIO4F/
EXTINT4F
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com