Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 76 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 76 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor LC823450 Datasheet HTML 76Page - ON Semiconductor LC823450 Datasheet HTML 77Page - ON Semiconductor LC823450 Datasheet HTML 78Page - ON Semiconductor LC823450 Datasheet HTML 79Page - ON Semiconductor LC823450 Datasheet HTML 80Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
LC823450
www.onsemi.com
76
Parallel Interface
Figure 23. Parallel Interface
SCLK
tds0
tdh0
Input DATA[3:0]
(REI = 0)
BS
(REO = 0)
Output DATA[3:0]
(REO = 0)
tbsd0
tdd0
BS
(REO = 1)
Output DATA[3:0]
(REO = 1)
tbsd1
tdd1
Table 40.
I/O Voltage
2.7 V to 3.6 V
1.7 V to 1.95 V
Unit
External Load
10 pF to 40 pF
10 pF to 30 pF
I/O Drivability
8 mA
10 mA
8 mA
Item
Symbol
Min
Max
Min
Max
Min
Max
Input setup time
(REI=0)
tds0
9.3
−
9.7
−
9.7
−
ns
Input hold time
(REI=0)
tdh0
−0.1
−
−0.4
−
−0.4
−
ns
BS Output delay time
(REO=0)
tbsd0
1.2
16.4
1.2
16.5
1.2
16.6
ns
DATA Output delay time
(REO=0)
tdd0
1.2
16.4
1.2
16.5
1.2
16.6
ns
BS Output delay time
(REO=1)
tbsd1
2.1
4.2
2.1
4.3
2.6
4.4
ns
DATA Output delay time
(REO=1)
tdd1
2.1
4.2
2.1
4.3
2.6
4.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com