Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 40 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor LC823450 Datasheet HTML 40Page - ON Semiconductor LC823450 Datasheet HTML 41Page - ON Semiconductor LC823450 Datasheet HTML 42Page - ON Semiconductor LC823450 Datasheet HTML 43Page - ON Semiconductor LC823450 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
LC823450
www.onsemi.com
40
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
219
P10
−
−
Vdd1
P
220
N11
117
141
H10
Vss
G
(Note 19)
(Note 18)
142
J12
AVddPLL3
P
143
J11
VCNT3
O
−
3A
−
−
AVddPLL3
3A
221
P12
118
144
J10
AVssPLL2
G
222
R12
119
145
K11
VCNT2
O
−
1A
−
−
AVddPLL2
1A
223
R13
120
146
K12
AVddPLL2
P
224
P11
121
147
G9
Vdd1
P
225
R11
−
−
Vss
G
226
N12
−
−
Vdd2
P
227
M10
122
148
H9
GPIO2D/
EXTINT2D/
DMCKO0/
SDRADDR11
B/
I/
O/
O
Schmitt
3−State
2/4/8 mA
PU/PD
Vdd2
3ISUD/3T
(4)(8)
228
L10
−
−
SDRADDR0
O
−
3−State
2/4/8 mA
Vdd2
3T2(4)(8)
229
K10
123
149
G8
GPIO2E/
EXTINT2E
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
230
J10
−
−
SDRADDR1
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
231
N10
−
−
SDRADDR2
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
232
M11
124
150
L12
GPIO2F/
EXTINT2F
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
233
P13
125
151
L11
Vss
G
234
L11
126
152
K10
SCL1/
GPIO2B/
EXTINT2B
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
235
R14
127
153
M12
Vdd2
P
236
K11
128
154
J9
SDA1/
GPIO2C/
EXTINT2C
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
237
M12
−
−
SDRDATA0
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
238
N13
−
−
SDRDATA1
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
239
P14
−
−
SDRADDR3
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
240
R15
−
−
SDRADDR4
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
17. RTCINT (open drain Output) 3.6 V tolerant
18. Pin assignment for PLL3 of package TQFP128L is as below
PLL3
118
AvddPLL3
119
VCNT3
120
AVssPLL2
19. PLL3 is unusable in package LFBGA240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com