Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 74 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 74 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor LC823450 Datasheet HTML 76Page - ON Semiconductor LC823450 Datasheet HTML 77Page - ON Semiconductor LC823450 Datasheet HTML 78Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
LC823450
www.onsemi.com
74
Memory Stick Interface
• [condition]
VDD1 = 0.93 V to 1.27 V, VDDSD1 = 1.7 V to 1.95 V
or 2.7 V to 3.6 V
External load 10 pF to 40 pF
Serial Clock Timing
Figure 20. Serial Clock Timing
90%
50%
10%
tSCLKr
tSCLKf
tSCLKwh
tSCLKwl
tSCLKc
SCLK
Table 37.
Item
Symbol
min
max
unit
Clock Period
tSCLKc
50
−
ns
Clock High Level Width
tSCLKwh
15
−
ns
Clock Low Level Width
tSCLKwl
15
−
ns
Clock Rise Time
tSCLKr
−
10
ns
Clock Fall Time
tSCLKf
−
10
ns
Parallel Clock Timing
Figure 21. Parallel Clock Timing
90%
50%
10%
tSCLKr
tSCLKf
tSCLKwh
tSCLKwl
tSCLKc
SCLK
Table 38.
Item
Symbol
min
max
unit
Clock Period
tSCLKc
25
−
ns
Clock High Level Width
tSCLKwh
5
−
ns
Clock Low Level Width
tSCLKwl
5
−
ns
Clock Rise Time
tSCLKr
−
10
ns
Clock Fall Time
tSCLKf
−
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com