Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 63 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 59Page - ON Semiconductor LC823450 Datasheet HTML 60Page - ON Semiconductor LC823450 Datasheet HTML 61Page - ON Semiconductor LC823450 Datasheet HTML 62Page - ON Semiconductor LC823450 Datasheet HTML 63Page - ON Semiconductor LC823450 Datasheet HTML 64Page - ON Semiconductor LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
LC823450
www.onsemi.com
63
XTAL Characteristics
Table 26. XTAL CHARACTERISTICS (VDD1 (Note 40) = 0.93 to 1.27 V, TA = −20°C to +65°C)
Item
Symbol
condition
VddXT1 = 0.93 to 1.1V
VddXT1 = 1.1 to 1.3V
Unit
Min
Typ
Max
Min
Typ
Max
Frequency
Fmax
1
20
1
50
MHz
40. Power up and power down timing of VddXT1 and Vdd1 should be as close as possible
.
Note that the oscillation frequency of XT1 that can be used with this product depends on the function used. Please refer to the following table.
For example, only 48 MHz is available for USB Host function.
Table 27.
Function to be
used
Available frequency of XT1 (P means available)
12MHz
20MHz
24MHz
48MHz
Other than the left
USB Device
x
x
x
x
USB Host
x
ROM boot
x
x
x
x
(Note 41)
41. During ROM boot, some clock frequencies are determined based on the XTALINFO[1:0] input and the frequency of XT1 other than
12/20/24/48 MHz may cause functional error.
However, because there is a possibility that the difference of the frequency is acceptable in some extent, please contact our representative
if needed.
The requirements of XT1 are below to use USB Host or
USB Device function.
• Frequency deviation: ±200 ppm or less
• Jitter: ±50 ps or less
XTALINFO[1:0] port should be set in accordance with
the frequency of XT1.
Some products which don’t have XTALINFO[1:0] port,
select the appropriate products which set XTALINFO[1:0]
internally in accordance with the frequency of XT1.
(Regarding
the
product
name,
please
contact
our
representative).
10bit ADC Converter Characteristic
Table 28. 10BIT ADC CONVERTER CHARACTERISTIC
(TA = 25°C, VDD1 = 1.2 V, AVDDADC = 3.0 V, FVIN = 1 kHz (Note 42))
Item
Symbol
Condition
Min
Typ
Max
Unit
Pin
Applied
ADC Power−supply Voltage
AVDH
2.7
−
3.6
V
AVDDADC
ADC GND Voltage
AVDL
0
−
−
V
AVSSADC
ADC Reference Voltage High
VRH
AVDH
×
3/4
−
AVDH
V
VRH
ADC Reference Voltage Low
VRL
AVssADC
−
AVDH
×
1/4
V
VRL
Decoupling Capacity
CREF
0.047
−
−
μF
VR
Analog Input Voltage
AN
VRL
−
VRH
V
AN[5:0]
ADC Resolution
BIT
−
−
10
Bit
AN[5:0]
Reference Resistance
RR
(Note 44)
7.3
9
10.7
k
Ω
VRH
,VRL
ADC Conversion Frequency
(Note 49)
Fs
−
−
1000
KS/s
ADC Operation Clock Frequency
(Note 49)
Fc
(Note 45)
2
−
20
MHz
(Note 46)
2
5
MHz
Number of ADC Conversion
Clocks (Note 49)
Nc
12
−
−
1/Fc
Number of ADC Sample Holding
Clocks (Note 49)
Ns
2
−
−
1/Fc
ADC Sample Holding Time
(Sampling Time) (Note 8)
Tstc
1
−
−
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com