Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 88 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 88 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 84Page - ON Semiconductor LC823450 Datasheet HTML 85Page - ON Semiconductor LC823450 Datasheet HTML 86Page - ON Semiconductor LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor LC823450 Datasheet HTML 92Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
LC823450
www.onsemi.com
88
• [applied pin]
♦ Input
: CTS1
♦ Output : TXD1
Table 52.
Item
Condition
Symbol
min
max
unit
Delay Time
Completing preparation to trans-
mit the current TXD data by set-
ting registers at CTS1 = high
From the negative edge
Tdlycts
−
6 T + 20
ns
CTS Setup Time
(not to transmit the next TXD data)
From end of the last StopBit
Tsetupcts
3 T + 20
−
ns
57. T: UART functional clock rate
58. In using hardware flow control by CTS/RTS, if the CTS setup time above is NOT met, the next TXD data will be transmitted at the time of
having prepared it regardless of the CTS level.
RTS Timing
Figure 36. RTS Timing
RTS timing
D0
D1
D2
D3
D4
D5
D6
D7
parity
bit
start
bit
stop
bit1
stop
bit2
D0
D1
D2
D3
D4
D5
D6
D7
parity
bit
start
bit
stop
bit
End of the last Stop Bit
1.5 Bit
Tdlyrts
RXD1
RTS1
• [applied pin]
♦ Input
: RXD1
♦ Output : RTS1
Table 53.
Item
Condition
Symbol
min
max
unit
Delay Time
Receiving the current RXD data with 15 data
existing in Reception FIFO or Receiving the cur-
rent RXD data without using Reception FIFO
From 1.5 Bit before end of the last StopBit
Tdlyrts
−
4 T + 20
ns
59. T: UART functional clock rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com