Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 57 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 57 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 53Page - ON Semiconductor LC823450 Datasheet HTML 54Page - ON Semiconductor LC823450 Datasheet HTML 55Page - ON Semiconductor LC823450 Datasheet HTML 56Page - ON Semiconductor LC823450 Datasheet HTML 57Page - ON Semiconductor LC823450 Datasheet HTML 58Page - ON Semiconductor LC823450 Datasheet HTML 59Page - ON Semiconductor LC823450 Datasheet HTML 60Page - ON Semiconductor LC823450 Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
LC823450
www.onsemi.com
57
Table 20. DC CHARACTERISTICS
(Vdd2 = 1.7 V to 1.95 V, VddSD0 = 1.7 V to 1.95 V, VddSD1 = 1.7 V to 1.95 V, VddSD2 = 1.7 V to 1.95 V, VddQSPI = 1.7 V to 1.95 V,
AVddDAMPL = 0.93 V to 1.95 V, AVddDAMPR = 0.93 V to 1.95 V, Ta = −20
°C to +65°C)
Item
Symbol
Pin
Condition
Min
Typ
Max
Unit
Input H Voltage
VIH
(1)
CMOS
0.7
× Vdd2
V
(2)
0.7
× VddSD0
V
(3)
0.7
× VddSD1
V
(4)
0.7
× VddSD2
V
(5)
Schmitt
0.75
× Vdd2
V
(21)
0.75
× VddSD1
V
(6)
0.75
× VddSD2
V
(7)
0.75
× VddQSPI
V
Input L Voltage
VIL
(1)
CMOS
0.3
× Vdd2
V
(2)
0.3
× VddSD0
V
(3)
0.3
× VddSD1
V
(4)
0.3
× VddSD2
V
(5)
Schmitt
0.25
× Vdd2
V
(21)
0.25
× VddSD1
V
(6)
0.25
× VddSD2
V
(7)
0.25
× VddQSPI
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com