Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 71 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 71 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
LC823450
www.onsemi.com
71
• [applied pin]
♦ Clock: SCK1
♦ Output: SDI1, SDO1, SWP1, SHOLD1, QSCS
output
♦ Input: SDI1, SDO1, SWP1, SHOLD1 input
Table 34.
I/O voltage (VddQSPI)
2.7 V to 3.6 V
1.7 V to 1.95 V
Unit
External Load
10 pF to 30 pF
10 pF to 30 pF
I/O Drivability
8 mA
6 mA
10 mA
Item
Symbol
Min
Max
Min
Max
Min
Max
SFIFSEL2 = 0 (Note 53)
Clock Frequency
fclk
−
41
−
40
−
40
MHz
Input Set−up Time
tISU
3.4
−
4.3
−
4.5
−
ns
Input Hold−up Time
tIH
7.5
−
7.1
−
6.9
−
ns
Output Delay Time
tODLY
0.3
5.1
1.2
5.2
0.6
5.4
ns
SFIFSEL2 = 1 (Note 53)
Clock frequency
fclk
−
42
−
40
−
40
MHz
Input set−up time
tISU
4.5
−
5.4
−
5.3
−
ns
Input hold−up time
tIH
3.3
−
2.9
−
3.7
−
ns
Output Delay time
tODLY
0.3
5.1
1.2
5.2
0.6
5.4
ns
53. SFIFSEL2 is the value of S−Flash I/F select register (SFIFSEL) bit2 SFIFSEL2 described in the SystemController
ProgrammersModel_SystemController.
XMC External Memory Bus Timing
• [condition]
VDD1 = 0.93 to 1.27 V, VDD2 = 2.7 V to 3.6 V
External load 15 pF to 40 pF
External Memory Bus Read
Figure 17. AC Characteristics − External Memory Bus Read Timing
PHI
(BASIC clock)
NRD
NCS0, NCS1,
NHBNWRH,
NLBEXA0
EXD[15:0]
EXA[20:1]
TEXACC1
TEXACC2
TEXRDS
TEXRDH
TEXACC3
TEXCYC
TEXRSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com