Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 96 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 96 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 92Page - ON Semiconductor LC823450 Datasheet HTML 93Page - ON Semiconductor LC823450 Datasheet HTML 94Page - ON Semiconductor LC823450 Datasheet HTML 95Page - ON Semiconductor LC823450 Datasheet HTML 96Page - ON Semiconductor LC823450 Datasheet HTML 97Page - ON Semiconductor LC823450 Datasheet HTML 98Page - ON Semiconductor LC823450 Datasheet HTML 99Page - ON Semiconductor LC823450 Datasheet HTML 100Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
LC823450
www.onsemi.com
96
USB Host
Figure 45. USB Host
Power
(USB 3.3 V)
AVDDUSBPHY2
AVSSUSBPHY
This LSI
Interrupt
GPIOxx
USBDM
USBDP
Power
(USB 1.2 V)
AVDDUSBPHY1
DVDDUSBPHY1
AVSSUSBPHY
USBRXT12
12 k
Ω
(1% tolerance)
Over Current Detect
Voltage Driver
Over Current Detect IC
Required for USB Host System
Common Mode
Choke Coil
Indicate USB Host
86. DVDDUSBPHY1 Port not Available for some Products
VBUS
D−
D+
ID
GND
500 mA Max
Power IC
Power ON/OFF
Control
GPIOxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com