Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 89 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 89 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 85Page - ON Semiconductor LC823450 Datasheet HTML 86Page - ON Semiconductor LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor LC823450 Datasheet HTML 92Page - ON Semiconductor LC823450 Datasheet HTML 93Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
LC823450
www.onsemi.com
89
APPLICATION
XTAL
For Oscillation
Figure 37. For
Oscillation
C2
C1
R2
R1
XIN
XOUT
Table 54.
Symbol
Value
XT1
XIN1/XOUT1
XTRTC
XIN32K/XOUT32K
20 MHz
48 MHz
32.768 KHz
R1
1 M
Ω
1 M
Ω
10 M
Ω
R2
0
Ω
0
Ω
0
Ω
C1
3 pF
3 pF
10 pF
C2
3 pF
3 pF
10 pF
60. Optimize the circuit constant for each product when you use this oscillation cell and ask to the manufacturer of the crystal oscillator to
investigate (matching investigation) because the best circuit constant changes depending on the specification of the crystal oscillator used
and the ambient surrounding (parasitic capacitance etc. of an external substrate).
61. The values of parts are for reference. There is a possibility that the adjustment is needed according to the situation of the set.
62. The following may be needed as the anti−noise measures of oscillation circuit.
− Be adjacent as much as possible, and shorten wiring between elements such as this LSI and the crystal oscillator.
− GND of the oscillation circuit close to GND (VSS) of this LSI as much as possible.
− Do not bring the wiring pattern of the large current drive close around the oscillation circuit.
− Take wide pattern to avoid the effect of interference of other signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com