Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 85 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 85 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 81Page - ON Semiconductor LC823450 Datasheet HTML 82Page - ON Semiconductor LC823450 Datasheet HTML 83Page - ON Semiconductor LC823450 Datasheet HTML 84Page - ON Semiconductor LC823450 Datasheet HTML 85Page - ON Semiconductor LC823450 Datasheet HTML 86Page - ON Semiconductor LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
LC823450
www.onsemi.com
85
High−Speed SDR Mode
Figure 32. High−Speed SDR Mode
Clock
(from LSI)
In put
(to LSI)
Out put
(from LSI)
tODLY(max)
tODLY(min)
t PP
t WL
t WH
t THL
t TLH
t ISU
t IH
• [Applied pin]
♦ Clock
: SDCLK0, SDCLK1, SDCLK2
♦ Output : SDCMD0, SDCMD1, SDCMD2,
SDAT0[3:0], SDAT1[3:0], SDAT2[3:0] output
♦ Input
: SDCMD0, SDCMD1, SDCMD2,
SDAT0[3:0], SDAT1[3:0], SDAT2[3:0] input
Table 49.
I/O Voltage
(VDDSD0, VDDSD1, VDDSD2)
2.7 V to 3.6 V
1.7 V to 1.95 V
Unit
External Load
10 pF to 40 pF
10 pF to 30 pF
10 pF to 23 pF
I/O Drivability
8 mA
10 mA
8 mA
6 mA
Item
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Clock Frequency
fPP
0
43
0
43
0
43
0
37
MHz
Clock Low Time
tWL
7
−
7
−
7
−
7
−
ns
Clock High Time
tWH
7
−
7
−
7
−
7
−
ns
Clock Rise Time
tTLH
−
3
−
3
−
3
−
3
ns
Clock Fall Time
tTHL
−
3
−
3
−
3
−
3
ns
Input Set−up Time
(from SD to LSI)
tISU
5.5
−
6.2
−
6.7
−
8.6
−
ns
Input Hold−up Time
(from SD to LSI)
tIH
2.1
−
1.2
−
1.1
−
0
−
ns
Output Delay Time
(from LSI to SD)
tODLY
3.1
19.7
3.1
19.9
3.1
20.2
3.1
23.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com