Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 25Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 26Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 27Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 29Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 30Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 31Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 32Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 29 of 109
0000A1H
PPG4 - Duty cycle register
W
0000A2H
PPG4 - Control status register Low
PCNL4
PCN4
R/W
0000A3H
PPG4 - Control status register High
PCNH4
R/W
0000A4H
PPG5 - Timer register
PTMR5
R
0000A5H
PPG5 - Timer register
R
0000A6H
PPG5 - Period setting register
PCSR5
W
0000A7H
PPG5 - Period setting register
W
0000A8H
PPG5 - Duty cycle register
PDUT5
W
0000A9H
PPG5 - Duty cycle register
W
0000AAH
PPG5 - Control status register Low
PCNL5
PCN5
R/W
0000ABH
PPG5 - Control status register High
PCNH5
R/W
0000ACH
I2C0 - Bus Status Register
IBSR0
R
0000ADH
I2C0 - Bus Control Register
IBCR0
R/W
0000AEH
I2C0 - Ten bit Slave address Register Low
ITBAL0
ITBA0
R/W
0000AFH
I2C0 - Ten bit Slave address Register High
ITBAH0
R/W
0000B0H
I2C0 - Ten bit Address mask Register Low
ITMKL0
ITMK0
R/W
0000B1H
I2C0 - Ten bit Address mask Register High
ITMKH0
R/W
0000B2H
I2C0 - Seven bit Slave address Register
ISBA0
R/W
0000B3H
I2C0 - Seven bit Address mask Register
ISMK0
R/W
0000B4H
I2C0 - Data Register
IDAR0
R/W
0000B5H
I2C0 - Clock Control Register
ICCR0
R/W
0000B6H
I2C1 - Bus Status Register
IBSR1
R
0000B7H
I2C1 - Bus Control Register
IBCR1
R/W
0000B8H
I2C1 - Ten bit Slave address Register Low
ITBAL1
ITBA1
R/W
0000B9H
I2C1 - Ten bit Slave address Register High
ITBAH1
R/W
0000BAH
I2C1 - Ten bit Address mask Register Low
ITMKL1
ITMK1
R/W
0000BBH
I2C1 - Ten bit Address mask Register High
ITMKH1
R/W
0000BCH
I2C1 - Seven bit Slave address Register
ISBA1
R/W
0000BDH
I2C1 - Seven bit Address mask Register
ISMK1
R/W
0000BEH
I2C1 - Data Register
IDAR1
R/W
0000BFH
I2C1 - Clock Control Register
ICCR1
R/W
0000C0H
USART0 - Serial Mode Register
SMR0
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com