Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 84Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 85Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 86Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 87Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 88 of 109
14.5
Analog Digital Converter
Note: The accuracy gets worse as |AVRH - AVRL| becomes smaller.
(TA = -40 °C to +125 °C, 3.0 V AVRH - AVRL, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
10
bit
Total error
-
-
-3
-
+3
LSB
Nonlinearity error
-
-
-2.5
-
+2.5
LSB
Differential nonlinearity error
-
-
-1.9
-
+1.9
LSB
Zero reading voltage
VOT
ANn
AVRL - 1.5 LSB AVRL+ 0.5 LSB
AVRL + 2.5 LSB
V
Full scale reading voltage
VFST
ANn
AVRH - 3.5 LSB AVRH - 1.5 LSB AVRH + 0.5 LSB
V
Compare time
-
-
1.0
-
16,500
s
4.5V
VCC  5.5V
2.0
-
-
s
3.0V
VCC  4.5V
Sampling time
-
-
0.5
-
-
s
4.5V
VCC  5.5V
1.2
-
-
s
3.0V
VCC  4.5V
Analog port input curren
IAIN
ANn
-3
-
+3
A
AVSS, AVRL < VI < AVCC,
AVRH
Analog port input curren
IAIN
ANn
-1
-
+1
A
TA = 25 °C, AVSS, AVRL < VI <
AVCC, AVRH
-3
-
+3
A
TA = 125 °C,AVSS, AVRL < VI
< AVCC, AVRH
Analog input voltage range
VAIN
ANn
AVRL
-
AVRH
V
Reference voltage range
AVRH
AVRH/
AVRH
2
0.75 AVcc
-
AVcc
V
AVRL
AVRL
AVSS
-
0.25 AVCC
V
Power supply current
IA
AVcc
-
2.5
5
mA
A/D Converter active
IAH
AVcc
-
-
5
A
A/D Converter not operated
Reference voltage current
IR
AVRH/
AVRL
-
0.7
1
mA
A/D Converter active
IRH
AVRH/
AVRL
--
5
A
A/D Converter not operated
Offset between input
channels
-ANn
-
-
4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com