Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 16Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 17Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 18Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 19Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 20Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 21Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 22Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 23Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 20 of 109
MB96F346Y
MB96F347Y
MB96F346R
MB96F347R
MB96F346A
MB96F347A
Alternative mode
CPU address
Flash memory
mode address
Flash size
288kByte
Flash size
416kByte
FF:FFFFH
FF:0000H
3F:FFFFH
3F:0000H
S39 - 64K
S39 - 64K
Flash A
FE:FFFFH
FE:0000H
3E:FFFFH
3E:0000H
S38 - 64K
S38 - 64K
FD:FFFFH
FD:0000H
3D:FFFFH
3D:0000H
S37 - 64K
S37 - 64K
FC:FFFFH
FC:0000H
3C:FFFFH
3C:0000H
S36 - 64K
S36 - 64K
FB:FFFFH
FB:0000H
3B:FFFFH
3B:0000H
External bus
S35 - 64K
FA:FFFFH
FA:0000H
3A:FFFFH
3A:0000H
S34 - 64K
F9:FFFFH
F9:0000H
39:FFFFH
39:0000H
External bus
F8:FFFFH
F8:0000H
38:FFFFH
38:0000H
F7:FFFFH
F7:0000H
37:FFFFH
37:0000H
F6:FFFFH
F6:0000H
36:FFFFH
36:0000H
F5:FFFFH
F5:0000H
35:FFFFH
35:0000H
F4:FFFFH
F4:0000H
34:FFFFH
34:0000H
F3:FFFFH
F3:0000H
33:FFFFH
33:0000H
F2:FFFFH
F2:0000H
32:FFFFH
32:0000H
F1:FFFFH
F1:0000H
31:FFFFH
31:0000H
F0:FFFFH
F0:0000H
30:FFFFH
30:0000H
E0:FFFFH
E0:0000H
DF:FFFFH
DF:8000H
Reserved
Reserved
DF:7FFFH
DF:6000H
1F:7FFFH
1F:6000H
SA3 - 8K
SA3 - 8K
Flash A
DF:5FFFH
DF:4000H
1F:5FFFH
1F:4000H
SA2 - 8K
SA2 - 8K
DF:3FFFH
DF:2000H
1F:3FFFH
1F:2000H
SA1 - 8K
SA1 - 8K
DF:1FFFH
DF:0000H
1F:1FFFH
1F:0000H
SA0 - 8K [1]
SA0 - 8K [1]
DE:FFFFH
DE:0000H
Reserved
Reserved
[1]: Sector SA0 contains the ROM Configuration Block RCBA at CPU address DF:0000H - DF:007FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com