Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 38Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 39Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 40Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 41Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 43Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 45Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 42 of 109
00056DH
PPG7 - Timer register
R
00056EH
PPG7 - Period setting register
PCSR7
W
00056FH
PPG7 - Period setting register
W
000570H
PPG7 - Duty cycle register
PDUT7
W
000571H
PPG7 - Duty cycle register
W
000572H
PPG7 - Control status register Low
PCNL7
PCN7
R/W
000573H
PPG7 - Control status register High
PCNH7
R/W
000574H
PPG11-PPG8 - General Control register 1 Low
GCN1L2
GCN12
R/W
000575H
PPG11-PPG8 - General Control register 1 High
GCN1H2
R/W
000576H
PPG11-PPG8 - General Control register 2 Low
GCN2L2
GCN22
R/W
000577H
PPG11-PPG8 - General Control register 2 High
GCN2H2
R/W
000578H
PPG8 - Timer register
PTMR8
R
000579H
PPG8 - Timer register
R
00057AH
PPG8 - Period setting register
PCSR8
W
00057BH
PPG8 - Period setting register
W
00057CH
PPG8 - Duty cycle register
PDUT8
W
00057DH
PPG8 - Duty cycle register
W
00057EH
PPG8 - Control status register Low
PCNL8
PCN8
R/W
00057FH
PPG8 - Control status register High
PCNH8
R/W
000580H
PPG9 - Timer register
PTMR9
R
000581H
PPG9 - Timer register
R
000582H
PPG9 - Period setting register
PCSR9
W
000583H
PPG9 - Period setting register
W
000584H
PPG9 - Duty cycle register
PDUT9
W
000585H
PPG9 - Duty cycle register
W
000586H
PPG9 - Control status register Low
PCNL9
PCN9
R/W
000587H
PPG9 - Control status register High
PCNH9
R/W
000588H
PPG10 - Timer register
PTMR10
R
000589H
PPG10 - Timer register
R
00058AH
PPG10 - Period setting register
PCSR10
W
00058BH
PPG10 - Period setting register
W
00058CH
PPG10 - Duty cycle register
PDUT10
W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com