Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 26Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 27Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 29Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 30Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 31Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 32Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 33Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 30 of 109
0000C1H
USART0 - Serial Control Register
SCR0
R/W
0000C2H
USART0 - TX Register
TDR0
W
0000C2H
USART0 - RX Register
RDR0
R
0000C3H
USART0 - Serial Status
SSR0
R/W
0000C4H
USART0 - Control/Com. Register
ECCR0
R/W
0000C5H
USART0 - Ext. Status Register
ESCR0
R/W
0000C6H
USART0 - Baud Rate Generator Register Low
BGRL0
BGR0
R/W
0000C7H
USART0 - Baud Rate Generator Register High
BGRH0
R/W
0000C8H
USART0 - Extended Serial Interrupt Register
ESIR0
R/W
0000C9H
Reserved
-
0000CAH
USART1 - Serial Mode Register
SMR1
R/W
0000CBH
USART1 - Serial Control Register
SCR1
R/W
0000CCH
USART1 - TX Register
TDR1
W
0000CCH
USART1 - RX Register
RDR1
R
0000CDH
USART1 - Serial Status
SSR1
R/W
0000CEH
USART1 - Control/Com. Register
ECCR1
R/W
0000CFH
USART1 - Ext. Status Register
ESCR1
R/W
0000D0H
USART1 - Baud Rate Generator Register Low
BGRL1
BGR1
R/W
0000D1H
USART1 - Baud Rate Generator Register High
BGRH1
R/W
0000D2H
USART1 - Extended Serial Interrupt Register
ESIR1
R/W
0000D3H
Reserved
-
0000D4H
USART2 - Serial Mode Register
SMR2
R/W
0000D5H
USART2 - Serial Control Register
SCR2
R/W
0000D6H
USART2 - TX Register
TDR2
W
0000D6H
USART2 - RX Register
RDR2
R
0000D7H
USART2 - Serial Status
SSR2
R/W
0000D8H
USART2 - Control/Com. Register
ECCR2
R/W
0000D9H
USART2 - Ext. Status Register
ESCR2
R/W
0000DAH
USART2 - Baud Rate Generator Register Low
BGRL2
BGR2
R/W
0000DBH
USART2 - Baud Rate Generator Register High
BGRH2
R/W
0000DCH
USART2 - Extended Serial Interrupt Register
ESIR2
R/W
0000DDH
Reserved
-
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com