Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 46Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 47Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 48Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 50Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 51Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 52Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 53Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 50 of 109
Note: Any write access to reserved addresses in the I/O map should not be performed. A read access to a reserved address results
in reading ‘X’.Registers of resources which are described in this table, but which are not supported by the device, should also be
handled as “Reserved”.
000884H-00088FH
Reserved
-
000890H
CAN1 - New Data 1 Register Low
NEWDT1L1
NEWDT11
R
000891H
CAN1 - New Data 1 Register High
NEWDT1H1
R
000892H
CAN1 - New Data 2 Register Low
NEWDT2L1
NEWDT21
R
000893H
CAN1 - New Data 2 Register High
NEWDT2H1
R
000894H-00089FH
Reserved
-
0008A0H
CAN1 - Interrupt Pending 1 Register Low
INTPND1L1
INTPND11
R
0008A1H
CAN1 - Interrupt Pending 1 Register High
INTPND1H1
R
0008A2H
CAN1 - Interrupt Pending 2 Register Low
INTPND2L1
INTPND21
R
0008A3H
CAN1 - Interrupt Pending 2 Register High
INTPND2H1
R
0008A4H-0008AFH
Reserved
-
0008B0H
CAN1 - Message Valid 1 Register Low
MSGVAL1L1
MSGVAL11
R
0008B1H
CAN1 - Message Valid 1 Register High
MSGVAL1H1
R
0008B2H
CAN1 - Message Valid 2 Register Low
MSGVAL2L1
MSGVAL21
R
0008B3H
CAN1 - Message Valid 2 Register High
MSGVAL2H1
R
0008B4H-0008CDH
Reserved
-
0008CEH
CAN1 - Output enable register
COER1
R/W
0008CFH-0009FFH
Reserved
-
000A00H
DMA - IO address block register 0
IOABK0
R/W
000A01H
DMA - IO address block register 1
IOABK1
R/W
000A02H
DMA - IO address block register 2
IOABK2
R/W
000A03H
DMA - IO address block register 3
IOABK3
R/W
000A04H
DMA - IO address block register 4
IOABK4
R/W
000A05H
DMA - IO address block register 5
IOABK5
R/W
000A06H-000BFFH
Reserved
-
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com