Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 3Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 4Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 5Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 6Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 10Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 7 of 109
[1]: These devices are under development and specification is preliminary. These products under development may change its
specification without notice.
I2C
2 channels
2 channels
A/D Converter
40 channels
24 channels
A/D Converter Reference Voltage
switch
yes
yes (except MB96F345Dyy or MB96F345Fyy)
16-bit Reload Timer
6 channels + 1
channel (for PPG)
4 channels + 1 channel (for PPG)
16-bit Free-Running Timer
4 channels
2 channels
16-bit Output Compare
12 channels
8 channels
16-bit Input Capture
12 channels
8 channels
16-bit Programmable Pulse
Generator
20 channels
16 channels
CAN Interface
5 channels
MB96(F)34xAyy or MB96(F)34xCyy: no
MB96F345Dyy or MB96F345Fyy: 1 channel
others: 2 channels
External Interrupts
16 channels
Non-Maskable Interrupt
1 channel
Real Time Clock
1
I/O Ports
136
80 for part number with suffix "W", 82 for part number with suffix "S"
Alarm comparator
2 channels
MB96F345Dyy or MB96F345Fyy: no
others: 2 channels
External bus interface
Yes
Yes (multiplexed address/data)
Chip select
6 signals
Clock output function
2 channels
Low voltage reset
Yes
On-chip RC-oscillator
Yes
Features
MB96V300B
MB96(F)34x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com