Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 81Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 82Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 83Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 84Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 85Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 86Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 87Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 85 of 109
14.4.12
USART timing
WARNING: The values given below are for an I/O driving strength IOdrive = 5mA. If IOdrive is 2mA, all the maximum output timing
described in the different tables must then be increased by 10ns.
Notes:
■ AC characteristic in CLK synchronized mode.
■ CL is the load capacity value of pins when testing.
■ Depending on the used machine clock frequency, the maximum possible baud rate can be limited by some parameters. These
parameters are shown in “MB96300 Super series HARDWARE MANUAL”.
■ tCLKP1 is the cycle time of the peripheral clock 1 (CLKP1), Unit : ns
[1]: Parameter N depends on tSCYCI and can be calculated as follows:
■ if tSCYCI = 2*k*tCLKP1, then N = k, where k is an integer > 2
■ if tSCYCI = (2*k+1)*tCLKP1, then N = k+1, where k is an integer > 1
Examples:
(TA = -40°C to 125°C, VCC = 3.0V to 5.5V, VSS = AVSS = 0V, IOdrive = 5mA, CL = 50pF)
Parameter
Symbol
Pin
Condition
VCC = AVCC= 4.5V to 5.5V VCC = AVCC= 3.0V to 4.5V
Unit
Min
Max
Min
Max
Serial clock cycle time
tSCYCI
SCKn
Internal Shift
Clock Mode
4 tCLKP1
-4 tCLKP1
-ns
SCK ↓→ SOT delay time
tSLOVI
SCKn,
SOTn
-20
20
-30
30
ns
SOT → SCK ↑ delay time
tOVSHI
SCKn,
SOTn
N*tCLKP1 - 20 [1]
-N*tCLKP1 - 30 [1]
-ns
Valid SIN → SCK ↑
tIVSHI
SCKn,
SINn
tCLKP1 + 45
-
tCLKP1 + 55
-
ns
SCK ↑→ Valid SIN hold time
tSHIXI
SCKn,
SINn
0-0
-
ns
Serial clock “L” pulse width
tSLSHE
SCKn
External Shift
Clock Mode
tCLKP1 + 10
-
tCLKP1 + 10
-
ns
Serial clock “H” pulse width
tSHSLE
SCKn
tCLKP1 + 10
-
tCLKP1 + 10
-
ns
SCK ↓→ SOT delay time
tSLOVE
SCKn,
SOTn
-2 tCLKP1 + 45
-
2 tCLKP1 + 55
ns
Valid SIN → SCK ↑
tIVSHE
SCKn,
SINn
tCLKP1/2 + 10
-
tCLKP1/2 + 10
-
ns
SCK ↑→ Valid SIN hold time
tSHIXE
SCKn,
SINn
tCLKP1 + 10
-
tCLKP1 + 10
-
ns
SCK fall time
tFE
SCKn
-
20
-
20
ns
SCK rise time
tRE
SCKn
-
20
-
20
ns
tSCYCI
N
4*tCLKP1
2
5*tCLKP1,
3
7*tCLKP1,
4
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com