Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 36Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 37Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 38Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 39Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 40Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 41Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 43Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 40 of 109
0004E3H
RTC - Second Register
WTSR
R/W
0004E4H
RTC - Minutes
WTMR
R/W
0004E5H
RTC - Hour
WTHR
R/W
0004E6H
RTC - Timer Control Extended Register
WTCER
R/W
0004E7H
RTC - Clock select register
WTCKSR
R/W
0004E8H
RTC - Timer Control Register Low
WTCRL
WTCR
R/W
0004E9H
RTC - Timer Control Register High
WTCRH
R/W
0004EAH
CAL - Calibration unit Control register
CUCR
R/W
0004EBH
Reserved
-
0004ECH
CAL - Duration Timer Data Register Low
CUTDL
CUTD
R/W
0004EDH
CAL - Duration Timer Data Register High
CUTDH
R/W
0004EEH
CAL - Calibration Timer Register 2 Low
CUTR2L
CUTR2
R
0004EFH
CAL - Calibration Timer Register 2 High
CUTR2H
R
0004F0H
CAL - Calibration Timer Register 1 Low
CUTR1L
CUTR1
R
0004F1H
CAL - Calibration Timer Register 1 High
CUTR1H
R
0004F2H-0004F9H
Reserved
-
0004FAH
RLT - Timer input select (for Cascading)
TMISR
R/W
0004FBH-00053DH
Reserved
-
00053EH
USART7 - Serial Mode Register
SMR7
R/W
00053FH
USART7 - Serial Control Register
SCR7
R/W
000540H
USART7 - Serial TX Register
TDR7
W
000540H
USART7 - Serial RX Register
RDR7
R
000541H
USART7 - Serial Status Register
SSR7
R/W
000542H
USART7 - Ext. Control/Com. Register
ECCR7
R/W
000543H
USART7 - Ext. Status Com. Register
ESCR7
R/W
000544H
USART7 - Baud Rate Generator Register Low
BGRL7
BGR7
R/W
000545H
USART7 - Baud Rate Generator Register High
BGRH7
R/W
000546H
USART7 - Extended Serial Interrupt Register
ESIR7
R/W
000547H
Reserved
-
000548H
USART8 - Serial Mode Register
SMR8
R/W
000549H
USART8 - Serial Control Register
SCR8
R/W
00054AH
USART8 - Serial TX Register
TDR8
W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com