Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 93Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 94Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 95Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 96Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 97Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 98Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 99Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 96 of 109
14.8
Flash Memory Program/erase Characteristics
[1]: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert high
temperature measurements into normalized value at 85oC)
(TA = -40°C to 105°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
Program/Data Flash (Main Flash)
-
0.9
3.6
s
Without erasure pre-programming time
Sector erase time Data Flash
-
0.5
2
s
Without erasure pre-programming time
-
0.8
3.6
s
Including erasure pre-programming time
Chip erase time Program/Data Flash (Main Flash)
-
n*0.9
n*3.6
s
Without erasure pre-programming time
(n is the number of Flash sector of the
device)
Chip erase time Data Flash
-
2.5
10
s
Without erasure pre-programming time
-
3.7
16.4
s
Including erasure pre-programming time
Word (16-bit width) programming time
Program/Data Flash (Main Flash)
-
23
370
us
Without overhead time for submitting
write command
Byte (8-bit width) programming time Data Flash
-
15
100
us
Without overhead time for submitting
write command
Program/Erase cycle
10000
-
-
cycle
100 000 Program/Erase cycles are under
evaluation by Cypress
Flash data retention time
20
-
-
year
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com