Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 27Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 29Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 30Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 31Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 32Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 33Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 34Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 31 of 109
0000DEH
USART3 - Serial Mode Register
SMR3
R/W
0000DFH
USART3 - Serial Control Register
SCR3
R/W
0000E0H
USART3 - TX Register
TDR3
W
0000E0H
USART3 - RX Register
RDR3
R
0000E1H
USART3 - Serial Status
SSR3
R/W
0000E2H
USART3 - Control/Com. Register
ECCR3
R/W
0000E3H
USART3 - Ext. Status Register
ESCR3
R/W
0000E4H
USART3 - Baud Rate Generator Register Low
BGRL3
BGR3
R/W
0000E5H
USART3 - Baud Rate Generator Register High
BGRH3
R/W
0000E6H
USART3 - Extended Serial Interrupt Register
ESIR3
R/W
0000E7H-0000EFH
Reserved
-
0000F0H-0000FFH
External Bus area
EXTBUS0
R/W
000100H
DMA0 - Buffer address pointer low byte
BAPL0
R/W
000101H
DMA0 - Buffer address pointer middle byte
BAPM0
R/W
000102H
DMA0 - Buffer address pointer high byte
BAPH0
R/W
000103H
DMA0 - DMA control register
DMACS0
R/W
000104H
DMA0 - I/O register address pointer low byte
IOAL0
IOA0
R/W
000105H
DMA0 - I/O register address pointer high byte
IOAH0
R/W
000106H
DMA0 - Data counter low byte
DCTL0
DCT0
R/W
000107H
DMA0 - Data counter high byte
DCTH0
R/W
000108H
DMA1 - Buffer address pointer low byte
BAPL1
R/W
000109H
DMA1 - Buffer address pointer middle byte
BAPM1
R/W
00010AH
DMA1 - Buffer address pointer high byte
BAPH1
R/W
00010BH
DMA1 - DMA control register
DMACS1
R/W
00010CH
DMA1 - I/O register address pointer low byte
IOAL1
IOA1
R/W
00010DH
DMA1 - I/O register address pointer high byte
IOAH1
R/W
00010EH
DMA1 - Data counter low byte
DCTL1
DCT1
R/W
00010FH
DMA1 - Data counter high byte
DCTH1
R/W
000110H
DMA2 - Buffer address pointer low byte
BAPL2
R/W
000111H
DMA2 - Buffer address pointer middle byte
BAPM2
R/W
000112H
DMA2 - Buffer address pointer high byte
BAPH2
R/W
000113H
DMA2 - DMA control register
DMACS2
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com