Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 93Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 94Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 95Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 92 of 109
14.6
Alarm Comparator
(TA = -40 °C to +125 °C, VCC = AVCC = 3.0V - 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Power supply current
IA5ALMF
AVCC
-25
45
A
Alarm comparator
enabled in fast mode
(one channel)
IA5ALMS
-7
13
A
Alarm comparator
enabled in slow mode
(one channel)
IA5ALMH
--
5
A
Alarm comparator
disabled
ALARM pin input current
IALIN
ALARM0,
ALARM1
-1
-
+1
A
TA = 25 °C
-3
-
+3
A
TA = 125 °C
ALARM pin input voltage
range
VALIN
0-
AVCC
V
External low threshold
high->low transition
VEVTL(H->L)
0.36 * AVCC -0.25 0.36 * AVCC -0.1
-V
INTREF = 0
External low threshold
low->high transition
VEVTL(L->H)
-
0.36 * AVCC +0.1 0.36 * AVCC +0.25
V
External high threshold
high->low transition
VEVTH(H->L)
0.78 * AVCC -0.25 0.78 * AVCC -0.1
-V
External high threshold
low->high transition
VEVTH(L->H)
0.78 * AVCC +0.1 0.78 * AVCC +0.25
V
Internal low threshold
high->low transition
VIVTL(H->L)
0.9
1.1
-
V
INTREF = 1
Internal low threshold
low->high transition
VIVTL(L->H)
-
1.3
1.55
V
Internal high threshold
high->low transition
VIVTH(H->L)
2.2
2.4
-
V
Internal high threshold
low->high transition
VIVTH(L->H)
-
2.6
2.85
V
Switching hysteresis
VHYS
50
-
300
mV
Comparison time
tCOMPF
-0.1
1
s
CMD = 1 (fast)
tCOMPS
-1
10
sCMD = 0 (slow)
Power-up stabilization
time after enabling alarm
comparator
tPD
-1
5
ms
Threshold levels
specified above are not
guaranteed within this
time
Slow/Fast mode transition
time
tCMD
-
100
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com