Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 62Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 59 of 109
[1]: AVCC and VCC must be set to the same voltage. It is required that AVCC does not exceed VCC and that the voltage at the analog
inputs does not exceed AVCC neither when the power is switched on.
[2]: VI and VO should not exceed VCC + 0.3 V. VI should also not exceed the specified ratings. However if the maximum current
to/from a input is limited by some means with external components, the ICLAMP rating supersedes the VI rating. Input/output voltages
of standard ports depend on VCC.
[3]:
■ Applicable to all general purpose I/O pins (Pnn_m)
■ Use within recommended operating conditions.
■ Use at DC voltage (current)
■ The +B signal should always be applied a limiting resistance placed between the +B signal and the microcontroller.
■ The value of the limiting resistance should be set so that when the +B signal is applied the input current to the microcontroller pin
does not exceed rated values, either instantaneously or for prolonged periods.
■ Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input potential may pass through
the protective diode and increase the potential at the VCC pin, and this may affect other devices.
■ Note that if a +B signal is input when the microcontroller power supply is off (not fixed at 0 V), the power supply is provided from
the pins, so that incomplete operation may result.
■ Note that if the +B input is applied during power-on, the power supply is provided from the pins and the resulting supply voltage may
not be sufficient to operate the Power reset (except devices with persistent low voltage reset in internal vector mode).
Sample recommended circuits:
Permitted Power dissipation (Mask ROM devices) [4]
PD
-
350
mW
TA=105oC
-
360
mW
TA=125oC [6]
Operating ambient temperature
TA
0+70
oC
MB96V300B
-40
+105
-40
+125
[6]
Storage temperature
TSTG
-55
+150
oC
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
P-ch
N-ch
VCC
R
Protective Diode
Limiting
resistance
+B input (0V to 16V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com