Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 10Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 11Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 12Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 13Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 14Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 11 of 109
4. Pin Function Description
Table 1: Pin Function description
Pin name
Feature
Description
ADn
External bus
External bus interface (multiplexed mode) address output and data
input/output
ADTG
ADC
A/D converter trigger input
ADTG_R
ADC
Relocated A/D converter trigger input
ALARMn
Alarm comparator
Alarm Comparator n input
ALE
External bus
External bus Address Latch Enable output
An
External bus
External bus address output
ANn
ADC
A/D converter channel n input
AVCC
Supply
Analog circuits power supply
AVRH
ADC
A/D converter high reference voltage input
AVRH2
ADC
Alternative A/D converter high reference voltage input
AVRL
ADC
A/D converter low reference voltage input
AVSS
Supply
Analog circuits power supply
C
Voltage regulator
Internally regulated power supply stabilization capacitor pin
CKOTn
Clock output function
Clock Output function n output
CKOTXn
Clock output function
Clock Output function n inverted output
ECLK
External bus
External bus clock output
CSn
External bus
External bus chip select n output
FRCKn
Free Running Timer
Free Running Timer n input
HAKX
External bus
External bus Hold Acknowledge
HRQ
External bus
External bus Hold Request
INn
ICU
Input Capture Unit n input
INTn
External Interrupt
External Interrupt n input
INTn_R
External Interrupt
Relocated External Interrupt n input
LBX
External bus
External Bus Interface Lower Byte select strobe output
MDn
Core
Input pins for specifying the operating mode.
NMI
External Interrupt
Non-Maskable Interrupt input
NMI_R
External Interrupt
Relocated Non-Maskable Interrupt input
OUTn
OCU
Output Compare Unit n waveform output
Pxx_n
GPIO
General purpose IO
PPGn
PPG
Programmable Pulse Generator n output
RDX
External bus
External bus interface read strobe output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com