Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 29Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 30Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 31Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 32Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 33Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 34Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 35Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 32 of 109
000114H
DMA2 - I/O register address pointer low byte
IOAL2
IOA2
R/W
000115H
DMA2 - I/O register address pointer high byte
IOAH2
R/W
000116H
DMA2 - Data counter low byte
DCTL2
DCT2
R/W
000117H
DMA2 - Data counter high byte
DCTH2
R/W
000118H
DMA3 - Buffer address pointer low byte
BAPL3
R/W
000119H
DMA3 - Buffer address pointer middle byte
BAPM3
R/W
00011AH
DMA3 - Buffer address pointer high byte
BAPH3
R/W
00011BH
DMA3 - DMA control register
DMACS3
R/W
00011CH
DMA3 - I/O register address pointer low byte
IOAL3
IOA3
R/W
00011DH
DMA3 - I/O register address pointer high byte
IOAH3
R/W
00011EH
DMA3 - Data counter low byte
DCTL3
DCT3
R/W
00011FH
DMA3 - Data counter high byte
DCTH3
R/W
000120H
DMA4 - Buffer address pointer low byte
BAPL4
R/W
000121H
DMA4 - Buffer address pointer middle byte
BAPM4
R/W
000122H
DMA4 - Buffer address pointer high byte
BAPH4
R/W
000123H
DMA4 - DMA control register
DMACS4
R/W
000124H
DMA4 - I/O register address pointer low byte
IOAL4
IOA4
R/W
000125H
DMA4 - I/O register address pointer high byte
IOAH4
R/W
000126H
DMA4 - Data counter low byte
DCTL4
DCT4
R/W
000127H
DMA4 - Data counter high byte
DCTH4
R/W
000128H
DMA5 - Buffer address pointer low byte
BAPL5
R/W
000129H
DMA5 - Buffer address pointer middle byte
BAPM5
R/W
00012AH
DMA5 - Buffer address pointer high byte
BAPH5
R/W
00012BH
DMA5 - DMA control register
DMACS5
R/W
00012CH
DMA5 - I/O register address pointer low byte
IOAL5
IOA5
R/W
00012DH
DMA5 - I/O register address pointer high byte
IOAH5
R/W
00012EH
DMA5 - Data counter low byte
DCTL5
DCT5
R/W
00012FH
DMA5 - Data counter high byte
DCTH5
R/W
000130H-00017FH
Reserved
-
000180H-00037FH
CPU - General Purpose registers (RAM access)
GPR_RAM
R/W
000380H
DMA0 - Interrupt select
DISEL0
R/W
000381H
DMA1 - Interrupt select
DISEL1
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com