Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 62Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 63Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 64Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 65Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 66Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 63 of 109
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Remarks
Typ
Max
Unit
Power supply
current in Run
modes[1]
ICCPLL
PLL Run mode with CLKS1/2 = 48MHz,
CLKB = CLKP1/2 = 24MHz
(CLKRC and CLKSC stopped. Core volt-
age at 1.9V)
+25°C
35
44
mA
Flash devices at 0 Flash wait
states
+125°C
36
47
+25°C
17
23
mA
MB96345/346 at 0 ROM wait
states
+125°C
18
25
PLL Run mode with CLKS1/2 = CLKB =
CLKP1= 56MHz,CLKP2 = 28MHz
(CLKRC and CLKSC stopped. Core volt-
age at 1.9V)
+25°C
44
57
mA
MB96F346/F347/F348 at 2
Flash wait states
+125°C
45
60
+25°C
25
35
mA
MB96345/346 at 2 ROM wait
states
+125°C
26
37
PLL Run mode with CLKS1/2 = 72MHz,
CLKB = CLKP1 = 36MHz, CLKP2 =
18MHz
(CLKRC and CLKSC stopped. Core volt-
age at 1.9V)
+25°C
38
50
mA
MB96F346/F347/F348Y/R/Ayy
at 1 Flash wait state
+125°C
39
53
PLL Run mode with CLKS1/2 = 80MHz,
CLKB = CLKP1 = 40MHz, CLKP2 =
20MHz
(CLKRC and CLKSC stopped. Core volt-
age at 1.9V)
+25°C
TBD
TBD
mA
MB96F345 at 1 Flash wait state
+125°C
TBD
TBD
PLL Run mode with CLKS1/2 = 96MHz,
CLKB = CLKP1= 48MHz, CLKP2 =
24MHz
(CLKRC and CLKSC stopped. Core volt-
age at 1.9V)
+25°C
49
62
mA
MB96F348T/H/CyB/C at 1
Flash wait state
+125°C
50
65
+25°C
26
36
mA
MB96345/346 at 1 ROM wait
state
+125°C
27
38
ICCMAIN
Main Run mode with CLKS1/2 = CLKB =
CLKP1/2 = 4MHz
(CLKPLL, CLKSC and CLKRC stopped)
+25°C
4.5
5.5
mA
Flash devices at 1 Flash wait
state
+125°C
5.1
8.5
+25°C
2.5
3.5
mA
MB96345/346 at 1 ROM wait
state
+125°C
3.1
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com