Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 83Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 84Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 85Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 86Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 87Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 87 of 109
14.4.13
I2C Timing
[1] : R,C: Pull-up resistor and load capacitor of the SCL and SDA lines.
[2]: The maximum tHDDAT have only to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
[3] : A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSUDAT≥ 250 ns must then
be met.
[4] : For use at over 100 kHz, set the peripheral clock 1 to at least 6 MHz.
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V,VSS = AVSS =0V)
Parameter
Symbol
Condition
Standard-mode
Fast-mode[4]
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
R
 1.7 k,
C
 50 pF[1]
0
100
0
400
kHz
Hold time (repeated) START condition SDA↓→SCL
tHDSTA
4.0
-
0.6
-
s
“L” width of the SCL clock
tLOW
4.7
-
1.3
-
s
“H” width of the SCL clock
tHIGH
4.0
-
0.6
-
s
Set-up time for a repeated START condition
SCL↓→SDA↑
tSUSTA
4.7
-
0.6
-
s
Data hold timeSCL↑→SDA↑↓
tHDDAT
03.45[2]
00.9[3]
s
Data set-up timeSDA↑↓→SCL↑
tSUDAT
250
-
100
-
ns
Set-up time for STOP conditionSCL↑→SDA↑
tSUSTO
4.0
-
0.6
-
s
Bus free time between a STOP and START condition
tBUS
4.7
-
1.3
-
s
SDA
SCL
tLOW
tSUDAT
tHDSTA
tBUS
tHDSTA
tHDDAT
tHIGH
tSUSTA
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com