Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 18Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 19Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 20Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 21Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 22Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 23Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 24Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 25Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 22 of 109
9. User ROM Memory Map for Mask ROM Devices
MB96345
MB96346
CPU address
ROM size
160kByte
ROM size
288kByte
FF:FFFFH
FF:0000H
128K ROM
256K ROM
FE:FFFFH
FE:0000H
FD:FFFFH
FD:0000H
Reserved
FC:FFFFH
FC:0000H
FB:FFFFH
E0:0000H
External bus
External bus
DF:FFFFH
DF:8000H
Reserved
Reserved
DF:7FFFH
DF:0080H
32K ROM
32K ROM
DF:007FH
DF:0000H
ROM configuration
block RCB
ROM configuration
block RCB
DE:FFFFH
DE:0000H
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com