Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 41Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 43Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 45Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 46Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 47Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 48Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 45 of 109
0006EBH
External Bus - Area configuration register 5 High
EACH5
R/W
0006ECH
External Bus - Area select register 2
EAS2
R/W
0006EDH
External Bus - Area select register 3
EAS3
R/W
0006EEH
External Bus - Area select register 4
EAS4
R/W
0006EFH
External Bus - Area select register 5
EAS5
R/W
0006F0H
External Bus - Mode register
EBM
R/W
0006F1H
External Bus - Clock and Function register
EBCF
R/W
0006F2H
External Bus - Address output enable register 0
EBAE0
R/W
0006F3H
External Bus - Address output enable register 1
EBAE1
R/W
0006F4H
External Bus - Address output enable register 2
EBAE2
R/W
0006F5H
External Bus - Control signal register
EBCS
R/W
0006F6H-0006FFH
Reserved
-
000700H
CAN0 - Control register Low
CTRLRL0
CTRLR0
R/W
000701H
CAN0 - Control register High (reserved)
CTRLRH0
R
000702H
CAN0 - Status register Low
STATRL0
STATR0
R/W
000703H
CAN0 - Status register High (reserved)
STATRH0
R
000704H
CAN0 - Error Counter Low (Transmit)
ERRCNTL0
ERRCNT0
R
000705H
CAN0 - Error Counter High (Receive)
ERRCNTH0
R
000706H
CAN0 - Bit Timing Register Low
BTRL0
BTR0
R/W
000707H
CAN0 - Bit Timing Register High
BTRH0
R/W
000708H
CAN0 - Interrupt Register Low
INTRL0
INTR0
R
000709H
CAN0 - Interrupt Register High
INTRH0
R
00070AH
CAN0 - Test Register Low
TESTRL0
TESTR0
R/W
00070BH
CAN0 - Test Register High (reserved)
TESTRH0
R
00070CH
CAN0 - BRP Extension register Low
BRPERL0
BRPER0
R/W
00070DH
CAN0 - BRP Extension register High (reserved)
BRPERH0
R
00070EH-00070FH
Reserved
-
000710H
CAN0 - IF1 Command request register Low
IF1CREQL0
IF1CREQ0
R/W
000711H
CAN0 - IF1 Command request register High
IF1CREQH0
R/W
000712H
CAN0 - IF1 Command Mask register Low
IF1CMSKL0
IF1CMSK0
R/W
000713H
CAN0 - IF1 Command Mask register High (reserved)
IF1CMSKH0
R
000714H
CAN0 - IF1 Mask 1 Register Low
IF1MSK1L0
IF1MSK10
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com