Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 51Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 52Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 53Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 55 of 109
13. Handling Devices
Special care is required for the following when handling the device:
■ Latch-up prevention
■ Unused pins handling
■ External clock usage
■ Unused sub clock signal
■ Notes on PLL clock mode operation
■ Power supply pins (VCC/VSS)
■ Crystal oscillator circuit
■ Turn on sequence of power supply to A/D converter and analog inputs
■ Pin handling when not using the A/D converter
■ Notes on energization
■ Stabilization of power supply voltage
■ Serial communication
■ Handling of Data Flash
13.1
Latch-up prevention
CMOS IC chips may suffer latch-up under the following conditions:
■ A voltage higher than VCC or lower than VSS is applied to an input or output pin.
■ A voltage higher than the rated voltage is applied between VCC pins and VSS pins.
■ The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current dramatically, causing thermal damages to the device.
For the same reason, extra care is required to not let the analog power-supply voltage (AVCC, AVRH) exceed the digital power-supply
voltage.
13.2
Unused pins handling
Unused input pins can be left open when the input is disabled (corresponding bit of Port Input Enable register PIER = 0).
Leaving unused input pins open when the input is enabled may result in misbehavior and possible permanent damage of the device.
They must therefore be pulled up or pulled down through resistors. To prevent latch-up, those resistors should be more than 2 k
.
Unused bidirectional pins can be set either to the output state and be then left open, or to the input state with either input disabled or
external pull-up/pull-down resistor as described above.
13.3
External clock usage
The permitted frequency range of an external clock depends on the oscillator type and configuration. See AC Characteristics for
detailed modes and frequency limits. Single and opposite phase external clocks must be connected as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com