Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 78Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 79Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 80Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 81Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 82Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 83Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 84Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 85Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 82 of 109
WRX pulse width
tWLWH
WRX, WRXL,
WRHX
-tCYC  8-
ns
w/o cycle
extension
Valid data output
 WRX 
time
tDVWH
WRX, WRLX,
WRHX, AD[15:0]
-tCYC  25
-
ns
w/o cycle
extension
WRX
  Data hold time
tWHDX
WRX, WRLX,
WRHX, AD[15:0]
-tCYC/2  20
-
ns
WRX
  Address valid time
tWHAX
WRX, WRLX,
WRHX, A[23:16]
-
tCYC/2  20
-
ns
WRX
  ALE  time
tWHLH
WRX, WRLX,
WRHX, ALE
EBM:ACE=1 and
EACL:STS=1
2tCYC  15
-
ns
other EBM:ACE and
EACL:STS setting
tCYC  15
-
WRX
  ECLK  time
tWLCH
WRX, WRLX,
WRHX, ECLK
-tCYC/2  15
-
ns
CSn
 WRX time
tCSLWL
WRX, WRLX,
WRHX, CSn
EACL:ACE=0
-3tCYC/2  20
ns
EACL:ACE=1
-5tCYC/2  20
WRX
 CSn time
tWHCSH
WRX, WRLX,
WRHX, CSn
-
tCYC/2  20
-
ns
(TA  40°C to 125°C, VCC  3.0 to 4.5V, VSS  0.0 V, IOdrive = 5mA, CL = 50pF)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com