Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 21Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 22Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 23Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 24Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 25Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 26Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 27Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 25 of 109
00002BH
OCU0 - Compare Register
R/W
00002CH
OCU1 - Compare Register
OCCP1
R/W
00002DH
OCU1 - Compare Register
R/W
00002EH
OCU2 - Output Compare Control Status
OCS2
R/W
00002FH
OCU3 - Output Compare Control Status
OCS3
R/W
000030H
OCU2 - Compare Register
OCCP2
R/W
000031H
OCU2 - Compare Register
R/W
000032H
OCU3 - Compare Register
OCCP3
R/W
000033H
OCU3 - Compare Register
R/W
000034H
OCU4 - Output Compare Control Status
OCS4
R/W
000035H
OCU5 - Output Compare Control Status
OCS5
R/W
000036H
OCU4 - Compare Register
OCCP4
R/W
000037H
OCU4 - Compare Register
R/W
000038H
OCU5 - Compare Register
OCCP5
R/W
000039H
OCU5 - Compare Register
R/W
00003AH
OCU6 - Output Compare Control Status
OCS6
R/W
00003BH
OCU7 - Output Compare Control Status
OCS7
R/W
00003CH
OCU6 - Compare Register
OCCP6
R/W
00003DH
OCU6 - Compare Register
R/W
00003EH
OCU7 - Compare Register
OCCP7
R/W
00003FH
OCU7 - Compare Register
R/W
000040H
ICU0/ICU1 - Control Status Register
ICS01
R/W
000041H
ICU0/ICU1 - Edge register
ICE01
R/W
000042H
ICU0 - Capture Register Low
IPCPL0
IPCP0
R
000043H
ICU0 - Capture Register High
IPCPH0
R
000044H
ICU1 - Capture Register Low
IPCPL1
IPCP1
R
000045H
ICU1 - Capture Register High
IPCPH1
R
000046H
ICU2/ICU3 - Control Status Register
ICS23
R/W
000047H
ICU2/ICU3 - Edge register
ICE23
R/W
000048H
ICU2 - Capture Register Low
IPCPL2
IPCP2
R
000049H
ICU2 - Capture Register High
IPCPH2
R
00004AH
ICU3 - Capture Register Low
IPCPL3
IPCP3
R
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com