Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 47Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 48Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 50Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 51Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 52Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 53Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 51 of 109
12. Interrupt Vector Table
Table 5: Interrupt vector table MB96(F)34x
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared
by DMA
Index in
ICR to pro-
gram
Description
03FCH
CALLV0
No
-
13F8H
CALLV1
No
-
23F4H
CALLV2
No
-
33F0H
CALLV3
No
-
43ECH
CALLV4
No
-
53E8H
CALLV5
No
-
63E4H
CALLV6
No
-
73E0H
CALLV7
No
-
83DCH
RESET
No
-
93D8H
INT9
No
-
10
3D4H
EXCEPTION
No
-
11
3D0H
NMI
No
-
Non-Maskable Interrupt
12
3CCH
DLY
No
12
Delayed Interrupt
13
3C8H
RC_TIMER
No
13
RC Timer
14
3C4H
MC_TIMER
No
14
Main Clock Timer
15
3C0H
SC_TIMER
No
15
Sub Clock Timer
16
3BCH
RESERVED
No
16
Reserved
17
3B8H
EXTINT0
Yes
17
External Interrupt 0
18
3B4H
EXTINT1
Yes
18
External Interrupt 1
19
3B0H
EXTINT2
Yes
19
External Interrupt 2
20
3ACH
EXTINT3
Yes
20
External Interrupt 3
21
3A8H
EXTINT4
Yes
21
External Interrupt 4
22
3A4H
EXTINT5
Yes
22
External Interrupt 5
23
3A0H
EXTINT6
Yes
23
External Interrupt 6
24
39CH
EXTINT7
Yes
24
External Interrupt 7
25
398H
EXTINT8
Yes
25
External Interrupt 8
26
394H
EXTINT9
Yes
26
External Interrupt 9
27
390H
EXTINT10
Yes
27
External Interrupt 10
28
38CH
EXTINT11
Yes
28
External Interrupt 11
29
388H
EXTINT12
Yes
29
External Interrupt 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com