Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 87Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 93Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 94Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 91 of 109
14.5.2
Notes on A/D Converter Section
■ About the external impedance of the analog input and the sampling time of the A/D converter (with sample and hold circuit):
If the external impedance is too high to keep sufficient sampling time, the analog voltage charged to the internal sample and hold
capacitor is insufficient, adversely affecting A/D conversion precision
.
To satisfy the A/D conversion precision standard, the relationship between the external impedance and minimum sampling time must
be considered and then either the resistor value and operating frequency must be adjusted or the external impedance must be
decreased so that the sampling time (Tsamp) is longer than the minimum value. Usually, this value is set to 7where= RC. If the
external input resistance (Rext) connected to the analog input is included, the sampling time is expressed as follows:
Tsamp [min] = 7 (Rext + 2.6k) C for 4.5 AVcc 5.5
Tsamp [min] = 7 (Rext + 12.1k) C for 3.0 AVcc 4.5
If the sampling time cannot be sufficient, connect a capacitor of about 0.1
F to the analog input pin.
■ About the error
The accuracy gets worse as |AVRH - AVRL| becomes smaller.
Analog input circuit model:
Comparator
Sampling switch
R
C
Analog input
Reference value:
C = 8.5 pF (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com