Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 53Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 57 of 109
13.7
Crystal oscillator and ceramic resonator circuit
Noise at X0, X1 pins or X0A, X1A pins might cause abnormal operation. It is required to provide bypass capacitors with shortest
possible distance to X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic resonator) and ground lines, and, to the utmost
effort, that the lines of oscillation circuit do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board art work surrounding X0, X1 pins and X0A, X1A pins with a ground area
for stabilizing the operation.
It is highly recommended to evaluate the quartz/MCU or resonator/MCU system at the quartz or resonator manufacturer, especially
when using low-Q resonators at higher frequencies.
13.8
Turn on sequence of power supply to A/D converter and analog inputs
It is required to turn the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (ANn) on after turning the digital power
supply (VCC) on.
It is also required to turn the digital power off after turning the A/D converter supply and analog inputs off. In this case, the voltage
must not exceed AVRH or AVCC (turning the analog and digital power supplies simultaneously on or off is acceptable).
13.9
Pin handling when not using the A/D converter
It is required to connect the unused pins of the A/D converter as AVCC = VCC, AVSS = AVRH = AVRL = VSS.
13.10 Notes on Power-on
To prevent malfunction of the internal voltage regulator, supply voltage profile while turning the power supply on should be slower than
50
s from 0.2 V to 2.7 V.
13.11 Stabilization of power supply voltage
If the power supply voltage varies acutely even within the operation safety range of the Vcc power supply voltage, a malfunction may
occur. The Vcc power supply voltage must therefore be stabilized. As stabilization guidelines, the power supply voltage must be
stabilized in such a way that Vcc ripple fluctuations (peak to peak value) in the commercial frequencies (50 to 60 Hz) fall within 10%
of the standard Vcc power supply voltage and the transient fluctuation rate becomes 0.1V/
s or less in instantaneous fluctuation for
power supply switching.
13.12 Serial communication
There is a possibility to receive wrong data due to noise or other causes on the serial communication.Therefore, design a printed
circuit board so as to avoid noise.Consider receiving of wrong data when designing the system. For example apply a checksum and
retransmit the data if an error occurs.
13.13 Handling of Data Flash
The Data Flash requires different and additional control signals for parallel programming. Please check with your programming
equipment maker for support of this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com