Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 2Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 3Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 4Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 5Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 6Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 6 of 109
1. Product Lineup
Features
MB96V300B
MB96(F)34x
Product type
Evaluation sample
Flash product: MB96F34x Mask ROM product: MB9634x
Product options
YS
NA
Low voltage reset persistently on / Single clock
RS
Low voltage reset can be disabled / Single clock
YW
Low voltage reset persistently on / Dual clock
RW
Low voltage reset can be disabled / Dual clock
TS
indep. 32KB Flash / Low voltage reset persistently on / Single clock
HS
indep. 32KB Flash / Low voltage reset can be disabled / Single clock
TW
indep. 32KB Flash / Low voltage reset persistently on / Dual clock
HW
indep. 32KB Flash / Low voltage reset can be disabled / Dual clock
FS
64KB Data Flash / Low voltage reset persistently on / Single clock
DS
64KB Data Flash / Low voltage reset can be disabled / Single clock
FW
64KB Data Flash / Low voltage reset persistently on / Dual clock
DW
64KB Data Flash / Low voltage reset can be disabled / Dual clock
AS
No CAN / Low voltage reset can be disabled / Single clock devices
CS
No CAN / indep. 32KB Flash / Low voltage reset can be disabled / Single clock
AW
No CAN / Low voltage reset can be disabled / Dual clock
CW
No CAN / indep. 32KB Flash / Low voltage reset can be disabled / Dual clock
Flash/ROM
RAM
160KB
8KB
ROM/Flash memory
emulation by external
RAM, 92KB internal
RAM
MB96345Y [1], MB96345R [1]
224KB
[Flash A: 160KB, Data
Flash A: 64KB]
8KB
MB96F345F [1], MB96F345D [1]
288KB
16KB
MB96F346Y, MB96346Y [1], MB96F346R, MB96346R [1], MB96F346A
416KB
16KB
MB96F347Y, MB96F347R, MB96F347A
544KB
24KB
MB96F348Y, MB96F348R, MB96F348A
576KB
[Flash A: 544KB, Flash
B: 32KB]
24KB
MB96F348T, MB96F348H, MB96F348C
Package
BGA416
FPT-100P-M20
FPT-100P-M22
DMA
16 channels
6 channels
USART
10 channels
7 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com