Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 34Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 35Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 36Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 37Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 38Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 39Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 40Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 41Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 38 of 109
000473H
I/O Port P07 - Extended Port Input Level Register
EPILR07
R/W
000474H
I/O Port P08 - Extended Port Input Level Register
EPILR08
R/W
000475H
I/O Port P09 - Extended Port Input Level Register
EPILR09
R/W
000476H
I/O Port P10 - Extended Port Input Level Register
EPILR10
R/W
000477H-00047FH
Reserved
-
000480H
I/O Port P00 - Port Output Drive Register
PODR00
R/W
000481H
I/O Port P01 - Port Output Drive Register
PODR01
R/W
000482H
I/O Port P02 - Port Output Drive Register
PODR02
R/W
000483H
I/O Port P03 - Port Output Drive Register
PODR03
R/W
000484H
I/O Port P04 - Port Output Drive Register
PODR04
R/W
000485H
I/O Port P05 - Port Output Drive Register
PODR05
R/W
000486H
I/O Port P06 - Port Output Drive Register
PODR06
R/W
000487H
I/O Port P07 - Port Output Drive Register
PODR07
R/W
000488H
I/O Port P08 - Port Output Drive Register
PODR08
R/W
000489H
I/O Port P09 - Port Output Drive Register
PODR09
R/W
00048AH
I/O Port P10 - Port Output Drive Register
PODR10
R/W
00048BH-00049BH
Reserved
-
00049CH
I/O Port P08 - Port High Drive Register
PHDR08
R/W
00049DH
I/O Port P09 - Port High Drive Register
PHDR09
R/W
00049EH
I/O Port P10 - Port High Drive Register
PHDR10
R/W
00049FH-0004A7H
Reserved
-
0004A8H
I/O Port P00 - Pull-Up resistor Control Register
PUCR00
R/W
0004A9H
I/O Port P01 - Pull-Up resistor Control Register
PUCR01
R/W
0004AAH
I/O Port P02 - Pull-Up resistor Control Register
PUCR02
R/W
0004ABH
I/O Port P03 - Pull-Up resistor Control Register
PUCR03
R/W
0004ACH
I/O Port P04 - Pull-Up resistor Control Register
PUCR04
R/W
0004ADH
I/O Port P05 - Pull-Up resistor Control Register
PUCR05
R/W
0004AEH
I/O Port P06 - Pull-Up resistor Control Register
PUCR06
R/W
0004AFH
I/O Port P07 - Pull-Up resistor Control Register
PUCR07
R/W
0004B0H
I/O Port P08 - Pull-Up resistor Control Register
PUCR08
R/W
0004B1H
I/O Port P09 - Pull-Up resistor Control Register
PUCR09
R/W
0004B2H
I/O Port P10 - Pull-Up resistor Control Register
PUCR10
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com