Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 93Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 94Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 95Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 96Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 97Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 94 of 109
14.7
Low Voltage Detector Characteristics
[1]: valid for all devices except devices listed under “[2]”
[2]: valid for: MB96F345
CILCR:LVL[3:0] are the low voltage detector level select bits of the CILCR register.
Levels 10 to 15 are not used in this device.
For correct detection, the slope of the voltage level must satisfy
.
Faster variations are regarded as noise and may not be detected.
The functional operation of the MCU is guaranteed down to the minimum low voltage detection level of Vcc = 2.7V. The electrical
characteristics however are only valid in the specified range (usually down to 3.0V).
(TA = -40 °C to +125 °C, Vcc = AVcc = 3.0V - 5.5V, Vss = AVss = 0V)
Parameter
Symbol
Value [1]
Value [2]
Unit
Remarks
Min
Max
Min
Max
Stabilization time
TLVDSTAB
-75-
110
s
After power-up or change of
detection level
Level 0
VDL0
2.7
2.9
2.65
2.95
V
CILCR:LVL[3:0]=”0000”
Level 1
VDL1
2.9
3.1
2.85
3.2
V
CILCR:LVL[3:0]=”0001”
Level 2
VDL2
3.1
3.3
3.05
3.4
V
CILCR:LVL[3:0]=”0010”
Level 3
VDL3
3.5
3.75
3.45
3.85
V
CILCR:LVL[3:0]=”0011”
Level 4
VDL4
3.6
3.85
3.55
3.95
V
CILCR:LVL[3:0]=”0100”
Level 5
VDL5
3.7
3.95
3.65
4.1
V
CILCR:LVL[3:0]=”0101”
Level 6
VDL6
3.8
4.05
3.75
4.2
V
CILCR:LVL[3:0]=”0110”
Level 7
VDL7
3.9
4.15
3.85
4.3
V
CILCR:LVL[3:0]=”0111”
Level 8
VDL8
4.0
4.25
3.95
4.4
V
CILCR:LVL[3:0]=”1000”
Level 9
VDL9
4.1
4.35
4.05
4.5
V
CILCR:LVL[3:0]=”1001”
Level 10
VDL10
not used
not used
Level 11
VDL11
not used
not used
Level 12
VDL12
not used
not used
Level 13
VDL13
not used
not used
Level 14
VDL14
not used
not used
Level 15
VDL15
not used
not used
t
d
dV
0.004
V
s
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com